Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DISCOVERY-50W Datasheet(PDF) 4 Page - 4D Systems Pty Ltd

Part # 4DISCOVERY-50W
Description  Wall Mountable Display Solution
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

4DISCOVERY-50W Datasheet(HTML) 4 Page - 4D Systems Pty Ltd

  4DISCOVERY-50W Datasheet HTML 1Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 2Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 3Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 4Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 5Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 6Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 7Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 8Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 9Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Wall Mountable Display Solution
4Discovery-50
Page 4 of 43
www.4dsystems.com.au
1. Description
The 4Discovery-5.0 is a high resolution 480x854 pixel
4.95” (referred to as 5.0”) Intelligent wall mounted
display product from 4D Systems, featuring the
DIABLO16 Processor.
The 4Discovery’s 5” TFT display is IPS, giving it very
wide viewing angles.
The 4Discovery is designed to be mounted directly
onto a panel or wall, or any flat drillable surface. This
universal
mounting
enables
quick
and
easy
installation almost anywhere in any orientation,
enabling a wide range of customers to take
advantage of this display product.
Driving the display and peripherals is the DIABLO16
processor, a very capable and powerful graphics
processor from 4D Labs, which enables stand-alone
functionality, and is programmed using the 4D
Systems Workshop 4 IDE Software. The Workshop
IDE enables graphic solutions to be constructed
rapidly and with ease due to its design being solely
for 4D’s graphics processors.
The 4Discovery has an array of features including a
5.0” 480x854 pixel TFT LCD Display, Capacitive Touch,
micro-SD memory storage, optional Flash memory
storage, 2 wire RS485 Interface which can act as
Master or Slave with additional changeover wire,
Proximity sensor to wake (or otherwise) the unit as
someone approaches, and a switch-mode power
supply enabling a wide input voltage range, optional
WiFi/Bluetooth, along with many more features.
Anything that has been designed to run on a PICASO
or DIABLO16 module can theoretically run on this
4Discovery with minor changes. Please ensure you
contact the 4D Systems’ support team if unsure
changing over from a 4D Systems’ module to this
4Discovery.
The 4Discovery-5.0 can be customised for customers
who require alterations to the pinout or to add some
extra features. The 4Discovery features a daughter
board that is attached at the factory which can be
modified to suit specific requirements, simply by
changing the design of the daughter board. More
details can be found in later sections on this topic.
For other customisations such as plastics colour, or
for more detailed enquiries specific to your
application, please contact the 4D Systems sales
team.
2. Features
• Powerful 5.0” Intelligent TFT IPS display module
powered by DIABLO16.
• 480x854 FWVGA Resolution (Full Wide Video
Graphics Array), RGB 65K true to life colours, TFT
Screen with integrated Capacitive Touch Panel.
• Wide viewing angles from all directions.
• Programmed over RS485 using a special
programmer
designed
specifically
for
the
4Discovery.
• 6 banks of 32750 bytes of Flash memory for User
Application Code and Data
• 32Kb of SRAM purely for the User.
• On-board micro-SD memory card connector for
multimedia storage and data logging purposes. HC
memory card support is also available for cards
larger than 4GB.
• Optional Flash Memory can be ordered for internal
storage of multimedia, data files, fonts, or for
holding extra code functions (to expand the code
storage of the processor), This secondary storage
could be utilised where microSD card storage is
undesirable – however space is limited.
• On board proximity sensor found behind the top
edge of the display glass, can be used for
activation of the display, wake from sleep, or other
functions as programmed by the User.
• Optional On board WiFi and Bluetooth using the
Espressif ESP32-PICO-D4 SoC, with both an
integrated ceramic antenna and a u.FL connector
for an external antenna.
• DOS compatible file access (FAT16 format) as well
as low level access to microSD card memory.
• Display full colour images, animations, icons and
video clips on chosen 4D Systems display.
• Supports all available Windows fonts.
• 5.0V or 7.0V-to-30V input voltage range operation
(single supply).
• Module dimensions: 76.2 x 139.4 x 24.8mm
• Weight approximately 130g.
• Display Viewing Area: 62.56 x 110.53mm
• Easily mounted to the wall, enclosure, panel or
virtually any flat drillable surface.
• RoHS and CE Compliant.
• PCB is UL 94V-0 Flammability Rated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com