| Electronic Components Datasheet Search |
|
4DISCOVERY-50W Datasheet(PDF) 14 Page - 4D Systems Pty Ltd |
|
|
|||||||||||||||||||||||||||||
4DISCOVERY-50W Datasheet(HTML) 14 Page - 4D Systems Pty Ltd |
|
14 / 43 page ![]() Wall Mountable Display Solution 4Discovery-50 Page 14 of 43 www.4dsystems.com.au When using an external antenna, there is a slot cut- out to the top-right of the PORT2 RJ45 on the back of the 4Discovery. This slot enables a u.FL cable to exit next to the RJ45 port, for connection to an external cable. A suitable cable would be a u.FL to SMA cable (not included), and enables many common external antennas to be connected easily, with various mounting options and signal strengths. These types of cables are available online from many outlets and come in a range of lengths. The 4Discovery comes preloaded with 4D written firmware in the ESP32, allowing the Diablo16 processor easy direct access to the functions of the ESP32 without having to learn longhand AT commands. The ESP32 can be reprogrammed by the user by utilising a header found under the back cover. An external programmer is required, or the ESP32 can be updated OTA (Over The Air). Please discuss with our Support Team if you require this functionality. Additionally, the Diablo processor and its uSD content can be programmed/updated OTA via the ESP32 WiFi, provided the application written into the Diablo contains the appropriate functionality to ready itself for OTA Updates. Please discuss with our Support Team if you require information about this functionality. For full information on the ESP32 PICO D4, please refer to the Espressif website and documentation. The ESP32 is connected to a UART on the Diablo16 processor. These are GPIO PA5 and PA6 of Diablo16. Please refer to the schematic diagram for more detail. 7.6. Proximity Sensor The 4Discovery is fitted with a forward-facing Proximity Sensor, which is located under the glass of the top edge of the display. The proximity sensor used is a Vishay VCNL4200, and communicates with the Diablo16 processor over an I2C bus. Example code is available. The proximity sensor is useful for power saving, and display saving features, and can trigger the module to wake from sleep or turn the display on if turned off. It can also be used to detect various ambient levels, so the backlight can be adjusted accordingly. The Proximity Sensor uses the following GPIO on the Diablo16 processor PA7 - Prox INT (I2C) – Proximity Sensor I2C PA8 - Prox SDA (I2C) – Proximity Sensor I2C PA9 - Prox SCL (I2C) – Proximity Sensor I2C The proximity has many registers which can be adjusted to suit the environment the 4Discovery is mounted in, and these can be programmatically changed in the User application. For more information on the Proximity Sensor, please refer to the Vishay website and documentation. A sample application is available in Workshop4, outlining the code required to operate the proximity sensor. 7.7. SPI Flash Memory (Optional) By default, the 4Discovery does not come with SPI Flash Memory loaded, however it is an option which can be ordered direct from 4D Systems. Please contact our Sales Team. SPI Flash memory allows some multimedia (images, animations, text, etc) to be loaded without the need for a microSD card. This solution can be beneficial for Users who do not wish to have installations dependant on a microSD card, or wish to use the card for other purposes. SPI Flash memory also allows Users to store Applications, to allow programs to be changed during run time. The flash memory can also be updated during runtime, either from the application itself (such as variable storage) or from the microSD card (such as a program update) or even via WiFi, if a suitable application is written for OTA type updates. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |