Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DISCOVERY-50W Datasheet(PDF) 9 Page - 4D Systems Pty Ltd

Part # 4DISCOVERY-50W
Description  Wall Mountable Display Solution
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

4DISCOVERY-50W Datasheet(HTML) 9 Page - 4D Systems Pty Ltd

Back Button 4DISCOVERY-50W Datasheet HTML 5Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 6Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 7Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 8Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 9Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 10Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 11Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 12Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 13Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Wall Mountable Display Solution
4Discovery-50
Page 9 of 43
www.4dsystems.com.au
5. Hardware Interface
The 4Discovery provides both a hardware and
software interface. This section describes in detail the
hardware interface pins of the device.
5.1. Serial Port(s)
The
4Discovery
DB01
option
provides
one
asynchronous serial port which interfaces via the
RJ45 port and communicates using the RS485
protocol.
This serial port is used for both communications to
various devices on the RS485 bus, but also for the
programming of the 4Discovery itself, using the 4D
485 Programmer.
A RS485 IC is used inside the 4Discovery, to provide
the RS485 interface, signals A and B.
The
4Discovery
DB02
option
provides
one
asynchronous serial UART, and one asynchronous
RS232 serial port. The serial UART is used for
programming the 4Discovery, however can also be
used for general communications. The UART and the
RS232 are separate buses and can be used at the
same time.
The primary features are:
•
Full-Duplex 8-bit data transmission and
reception.
•
Data format: 8 bits, No Parity, 1 Stop bit.
•
Baud rates from 300 baud up to 250K baud.
•
Single byte transmits and receives or a fully
buffered service. The buffered service
feature runs in the background capturing
and buffering serial data without the user
application having to constantly poll any of
the serial ports. This frees up the application
to service other tasks.
A single byte serial transmission consists of the start
bit, 8-bits of data followed by the stop bit. The start
bit is always 0, while a stop bit is always 1. The LSB
(Least Significant Bit, Bit 0) is sent out first following
the start bit. Image below shows a single byte
transmission timing diagram.
5.2. Power Pins – DB01 & DB02
VIN (Primary Voltage Input)
Pin 1:
4Discovery supply voltage input pin. This pin must be
supplied between 7.0VDC and 30VDC, and these
must not be exceeded. Typical voltages are between
12V and 24VDC. Note if long cables are used, the
minimum 7V needs to be presented at the module, so
voltage drops need to be considered. If this pin is not
used, a 5VDC source can be applied to pin 6 (5V_IN)
instead.
GND (Module Ground)
Pins 4, 5:
Device ground pins. At least one of these pins must
be connected to ground.
5V_IN (Secondary Voltage Input)
Pin 6:
4Discovery supply voltage input pin. This pin is
typically used by the 4D 485 Programmer when
programming from USB of a PC, however it can also
be used in the case a suitable voltage cannot be
applied to VIN. Supply to this pin must be between
4.5V to 5.5V DC. Nominal operating voltage is 5.0
Volts.
Note: When powering solely off 5V, the current
requirements need to be taken into consideration.
When all features are running on the 4Discovery, the
current requirement of the 5V rail must be enough
else the display may reset continuously in a loop.
Please see the specification section for current
requirements. Voltage drops across the cable need to
also be considered, and the Pin 1 (VIN) option is
recommended if cable lengths are more than a few
meters.
5.3. GPIO Pins and Connections
Internal to the 4Discovery there are components
such as the WiFi and Proximity Sensor, which are
internally connected to GPIO on the Diablo16
processor itself. This section details the connections
which can be controlled by the User, to aid in the
programming of the 4Discovery Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com