Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DISCOVERY-50W Datasheet(PDF) 13 Page - 4D Systems Pty Ltd

Part # 4DISCOVERY-50W
Description  Wall Mountable Display Solution
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

4DISCOVERY-50W Datasheet(HTML) 13 Page - 4D Systems Pty Ltd

Back Button 4DISCOVERY-50W Datasheet HTML 9Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 10Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 11Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 12Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 13Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 14Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 15Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 16Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 17Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Wall Mountable Display Solution
4Discovery-50
Page 13 of 43
www.4dsystems.com.au
The micro-SD card can be used as an update medium
for the 4Discovery, in conjunction with suitable
application code being written. The microSD card can
be mounted and used to update the application(s)
stored on the onboard Flash of Diablo16. This is
useful to roll out updates without having to
reprogram the 4Discovery. This however is not able
to update the PmmC/Firmware or Display Driver.
These must still be updated via the RS485
Programmer on Standard 4Discovery Configurations
(DB01), via the Serial UART on the Secondary
Configuration (DB02) or over the network with
suitable Host code.
The 4Discovery features a Card Detect on the
microSD socket, which can be utilised by the User in
their application, to determine if a microSD card is
inserted or not. This could be used to switch in and
out graphics which may rely on uSD card, or a
simplified backup graphic which may be stored on
Flash, for example.
GPIO PA11 – SD Card Detect
PA11 is Active High when a card is detected, and Low
when no card is detected.
Note: Read disturb is a well-known issue with flash
memory devices, such as microSD cards, where
reading data from a flash cell can cause the nearby
cells in the same memory block to change over time.
This issue can be prevented by using industrial-grade
microSD
cards
with
read
disturb
protection.
Industrial-grade microSD cards have a firmware that
actively monitors the read operation and refreshes
areas of memory which have high traffic and even
move data around to prevent read disturb error from
occurring. Furthermore, manufacturers may choose
to implement read disturb protection on a specific
part of the flash memory only, such that the
beginning part of the memory might not be
protected. The RMPET utility in Workshop4 is
designed to create the first partition at an offset
from the start of the microSD card to account for this
situation. It is therefore recommended to always
partition and format an industrial microSD card using
the RMPET utility before using it with 4D Systems
processors.
7.3. FAT16
The 4Discovery Module uses off the shelf standard
SDHC/SD/micro-SD memory cards with up to 4GB
capacity usable with FAT16 formatting. For any FAT
file related operations, before the memory card can
be used it must first be formatted with FAT16 option.
The formatting of the card can be done on any PC
system with a card reader. Select the appropriate
drive and choose the FAT16 (or just FAT in some
systems) option when formatting. The card is now
ready to be used in the DIABLO16 based application.
The DIABLO16 Processor also supports high capacity
HC memory cards (4GB and above). The available
capacity of SD-HC cards varies according to the way
the card is partitioned and the commands used to
access it.
A Max of 4GB can be utilised by the FAT16 file
system. The FAT partition is always first (if it exists).
Any space larger than 4GB will be RAW, and can still
be utilised by your 4D Systems module, using
different functions. Please refer to Application Notes.
Partitioning of microSD cards should be carried out
using the RMPET tool, which is included with the
Workshop4 IDE. This tool enables you to partition
and format your microSD card in a range of ways. It
also then allows you to format the card so it is ready
for the 4Discovery.
7.4. Piezo Buzzer
The 4Discovery has an on-board Piezo buzzer, which
enables feedback to the user for a range of
situations, such as when the screen is touched, or if
an event occurs that needs an audio alert.
The Piezo buzzer uses the AUDIO pin on the Diablo16
processor,
and
can
be controlled
using
the
snd_Freq() function. The optimal frequency to use for
this buzzer is 2731Hz.
Please refer to the DIABLO16 Internal 4DGL Functions
document for more information on this function,
available from the 4Discovery Product Page, on the
4D Systems website. www.4dsystems.com.au
7.5. WiFi and Bluetooth (Optional)
The 4Discovery 5.0” module optionally features both
WiFi and Bluetooth connectivity, utilising the
Espressif ESP32-PICO-D4 SoC (System on Chip).
The 4Discovery features both an internal antenna,
and facilities for an external u.FL style antenna to be
connected. This allows flexibility if the 4Discovery is
mounted in an enclosure or if WiFi reception is some
distance away.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com