Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3810KT Datasheet(PDF) 8 Page - STMicroelectronics

Part # 2N3810KT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3810KT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 2N3810KT Datasheet HTML 4Page - STMicroelectronics 2N3810KT Datasheet HTML 5Page - STMicroelectronics 2N3810KT Datasheet HTML 6Page - STMicroelectronics 2N3810KT Datasheet HTML 7Page - STMicroelectronics 2N3810KT Datasheet HTML 8Page - STMicroelectronics 2N3810KT Datasheet HTML 9Page - STMicroelectronics 2N3810KT Datasheet HTML 10Page - STMicroelectronics 2N3810KT Datasheet HTML 11Page - STMicroelectronics 2N3810KT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
4.1
Flat-8 package information
Figure 4. Flat-8 package outline
7939278_6
Table 5. Flat-8 mechanical data
Symbol
Milimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.24
2.44
2.64
0.088
0.096
0.104
b
0.38
0.43
0.48
0.015
0.017
0.019
c
0.10
0.13
0.16
0.004
0.005
0.006
D
6.35
6.48
6.61
0.250
0.255
0.260
E
6.35
6.48
6.61
0.250
0.255
0.260
E2
4.32
4.45
4.58
0.170
0.175
0.180
E3
0.88
1.01
1.14
0.035
0.040
0.045
e
1.27
0.050
L
6.51
-
7.38
0.256
-
0.291
Q
0.66
0.79
0.92
0.026
0.031
0.036
S1
0.92
1.12
1.32
0.036
0.044
0.052
N
08
08
2N3810HR
Flat-8 package information
DS6098 - Rev 9
page 8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com