Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3810KT Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N3810KT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3810KT Datasheet(HTML) 1 Page - STMicroelectronics

  2N3810KT Datasheet HTML 1Page - STMicroelectronics 2N3810KT Datasheet HTML 2Page - STMicroelectronics 2N3810KT Datasheet HTML 3Page - STMicroelectronics 2N3810KT Datasheet HTML 4Page - STMicroelectronics 2N3810KT Datasheet HTML 5Page - STMicroelectronics 2N3810KT Datasheet HTML 6Page - STMicroelectronics 2N3810KT Datasheet HTML 7Page - STMicroelectronics 2N3810KT Datasheet HTML 8Page - STMicroelectronics 2N3810KT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LCC-6
Flat-8
1
4
5
8
3
2
1
4
6
5
Pin 4 and pin 5
are connected together to the seal ring and lid
LCC-6
The upper metallic shield is not internally connected neither
to any pin nor to the die inside
Flat-8
AM03130REV1
1
2
3
8
7
6
4
5
C1
B1
E1
C2
B2
E2
E2
B2
C2
3
2
1
E1
B1
C1
4
5
6
Features
Vceo
IC(max.)
HFE at 10 V,
150 mA
Tj(max.)
60 V
0.05 A
> 125
200 °C
•
Hermetic packages
•
ESCC and JANS qualified
•
Up to 100 krad(Si) low dose rate
Description
2N3810K and SOC3810HR are silicon planar PNP dual matched transistors
packaged in Flat-8 and LCC-6 respectively and available in 100 krad versions. They
are specifically designed for aerospace Hi-Rel applications and qualified as per
ESCC 5207/005 specification. In case of discrepancies between this datasheet and
the relevant agency specification, the latter takes precedence.
Product summary
Product summary
Device
Qualification
system
Agency
specification
Package
Radiation
level
2N3810Kx
ESCC Flight
5207/005
Flat-8
-
2N3810RKx
ESCC Flight
5207/005
Flat-8
100 krad(Si)
SOC3810HRx
ESCC Flight
5207/005
LCC-6
-
SOC3810RHRx
ESCC Flight
5207/005
LCC-6
100 krad(Si)
Product status link
2N3810HR
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
2N3810HR
Datasheet
DS6098 - Rev 9 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - 2N3810KT

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
30Kb / 1P
Chip Type 2C2605 Geometry 0220 Polarity NPN
2N3810 SEMICOA-2N3810 Datasheet
43Kb / 3P
Type 2N3810 Geometry 0220 Polarity PNP
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N3810 CENTRAL-2N3810 Datasheet
52Kb / 1P
Dual Transistors
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
209Kb / 3P
Silicon PNP Transistor
More results

Similar Description - 2N3810KT

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com