Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3810KT Datasheet(PDF) 9 Page - STMicroelectronics

Part # 2N3810KT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3810KT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 2N3810KT Datasheet HTML 5Page - STMicroelectronics 2N3810KT Datasheet HTML 6Page - STMicroelectronics 2N3810KT Datasheet HTML 7Page - STMicroelectronics 2N3810KT Datasheet HTML 8Page - STMicroelectronics 2N3810KT Datasheet HTML 9Page - STMicroelectronics 2N3810KT Datasheet HTML 10Page - STMicroelectronics 2N3810KT Datasheet HTML 11Page - STMicroelectronics 2N3810KT Datasheet HTML 12Page - STMicroelectronics 2N3810KT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
4.2
LCC-6 package information
Figure 5. LCC-6 package outline
1
2
3
6
5
4
Pin 1
identification
7098021_6
Table 6. LCC-6 mechanical data
Dim.
Milimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.53
1.96
0.060
0.077
C
0.78
0.89
0.99
0.031
0.035
0.039
D
1.52
1.65
1.78
0.060
0.065
0.070
D1
2.08
2.28
2.49
0.082
0.090
0.098
E
1.24
1.40
1.55
0.049
0.055
0.059
G
4.19
4.31
4.45
0.165
0.170
0.175
I
6.10
6.22
6.35
0.240
0.245
0.250
L
0.56
0.63
0.71
0.022
0.025
0.028
M
3.86
3.94
4.01
0.152
0.155
0.158
N
1.14
1.27
1.40
0.045
0.050
0.055
N1
2.41
2.54
2.67
0.095
0.100
0.105
N2
0.64
0.89
1.14
0.025
0.035
0.045
r
0.23
0.009
2N3810HR
LCC-6 package information
DS6098 - Rev 9
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com