Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3810KT Datasheet(PDF) 12 Page - STMicroelectronics

Part # 2N3810KT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3810KT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 2N3810KT Datasheet HTML 6Page - STMicroelectronics 2N3810KT Datasheet HTML 7Page - STMicroelectronics 2N3810KT Datasheet HTML 8Page - STMicroelectronics 2N3810KT Datasheet HTML 9Page - STMicroelectronics 2N3810KT Datasheet HTML 10Page - STMicroelectronics 2N3810KT Datasheet HTML 11Page - STMicroelectronics 2N3810KT Datasheet HTML 12Page - STMicroelectronics 2N3810KT Datasheet HTML 13Page - STMicroelectronics 2N3810KT Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Revision history
Table 10. Document revision history
Date
Revision Changes
10-Dec-2008
1
Initial release. Added Section 4: Ordering information.
08-Jan-2010
2
Modified Table 1 on page 1
14-Nov-2012
3
Added:Section 2.1: Electrical characteristics (curves)
Updated: Section 3: Package mechanical data
13-May-2014
4
Updated section Table 1 Device summary.
Added Section 4: Ordering information.
03-Nov-2015
5
Updated Table 2: Absolute maximum ratings and Table 4: Thermal data for LCC-6 package
Minor text changes.
29-Jan-2016
6
Updated Table2: Absolute maximum ratings and Table 4: Thermal data for LCC-6 package.
Minor text changes.
18-Jul-2018
7
Updated Table 1. Absolute maximum ratings.
Minor text changes.
04-Sep-2018
8
Updated cover image and Figure 1. Minor text changes.
08-Sep-2020
9
Removed TO-78 information. Updated Table 7. Ordering information. Minor text changes.
2N3810HR
DS6098 - Rev 9
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com