Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 44Page - STMicroelectronics ST7293C3M1 Datasheet HTML 45Page - STMicroelectronics ST7293C3M1 Datasheet HTML 46Page - STMicroelectronics ST7293C3M1 Datasheet HTML 47Page - STMicroelectronics ST7293C3M1 Datasheet HTML 48Page - STMicroelectronics ST7293C3M1 Datasheet HTML 49Page - STMicroelectronics ST7293C3M1 Datasheet HTML 50Page - STMicroelectronics ST7293C3M1 Datasheet HTML 51Page - STMicroelectronics ST7293C3M1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
48/69
ST72E94 - ST72T94
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72E94 and ST72T94 (following mentioned
as ST72E94) are EPROM members with EEP-
ROM of the ST72 family of microcontrollers, in
windowed ceramic (E) and plastic OTP (T) pack-
ages respectively, completely developed and pro-
duced by SGS-THOMSON Microelectronics using
a
n-well
proprietary
HCMOS
process.
The
EPROM parts are fully compatible with their ROM
versions and this datasheet will thus provide only
information specific to the EPROM based devices.
THE READER IS ASKED TO REFER TO THE
DATASHEET OF THE ST7294 AND ST7293
ROM-BASED DEVICES FOR FURTHER DE-
TAILS.
The ST72E94 is an user-programmable and eras-
able device. It is best suited for development. The
ST72T94 is a One-Time Programmable device
(OTP). It offers the best cost/flexibility trade-off for
prototyping and preseries as well as most low to
medium volume applications.
The ST72E94 and ST72T94 are HCMOS micro-
controllers from the ST72 family. They are based
around an 8-bit core industry standard and offers
an enhanced instruction set. The processor runs
with an external clock at 4 MHz with a 5V supply
and 2MHz with a 3V supply. Due to the fully static
design of this device, operation down to DC is
possible. Under software control the ST72E94
and ST72T94 can be placed in WAIT or HALT
mode thus reducing power consumption. The en-
hanced instruction set and addressing modes af-
ford real programming potential. In addition to
standard 8 bit data management the ST72E94
and ST72T94 feature true bit manipulation, 8x8
unsigned multiplication and indirect addressing
modes. The devices include an on-chip oscillator,
CPU, EPROM, RAM, EEPROM, I/O, and one tim-
er with 1 input capture and 2 output compare sys-
tems.
Figure 2. ST72E94 Block Diagram
Note 1. EPROM version only
CONTROL
PORT A
PORT B
PORT C
TIMER SYSTEM
RAM
224 Bytes
ROM or EPROM(1)
6144 kbytes
PA0 - PA7
(8-Bit)
PB0 - PB7
(8-Bit)
PC0 - PC5
(6-Bit)
V
DD
V
SS
OSCin
OSCout
INT/V
PP
(1)
RESET
OSCILLATOR
POWER
SUPPLY
8 -BIT CORE
ALU
VR01735E
Internal
CLOCK
WATCHDOG
EEPROM
256 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com