Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 24Page - STMicroelectronics ST7293C3M1 Datasheet HTML 25Page - STMicroelectronics ST7293C3M1 Datasheet HTML 26Page - STMicroelectronics ST7293C3M1 Datasheet HTML 27Page - STMicroelectronics ST7293C3M1 Datasheet HTML 28Page - STMicroelectronics ST7293C3M1 Datasheet HTML 29Page - STMicroelectronics ST7293C3M1 Datasheet HTML 30Page - STMicroelectronics ST7293C3M1 Datasheet HTML 31Page - STMicroelectronics ST7293C3M1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
28/69
ST7294
After a processor write cycle to the OCHR1 regis-
ter, the output compare function is inhibited until
the OCLR1 is also written. Thus, the user must
write both bytes if the MSB is written first. A write
made to only the LSB will not inhibit the compare
function. The minimum time between two succes-
sive edges on the OCMP1 pin is a function of the
software program.
The OCMP1 output latch is forced low during reset
and stays low until valid compares change it to a
high level. Because the OCF1 flag and the OCR1
are indeterminate at power-on and are not affect-
ed by an external reset, care must be exercise
when initiating the output compare function with
software. The following procedure is recommend-
ed to prevent the OCF1 flag from being set be-
tween the time it is read and the write to OCR1:
Write to OCHR1 (further compares are inhibited).
Read the TSR (first step of the clearance of OCF1
[it may be already set]).
Write to OCLR1 (enables the output compare
function and clears OCF1).
4.3.2.6 Output Compare Register 2
The Output Compare Register 2 (OCR2) is a 16-
bit register, which is made up of two 8-bit regis-
ters: the most significant byte register (OCHR2) at
address 001Eh and the least significant byte reg-
ister (OCLR2) at address 001Fh.This register
works as the Output Compare Register 1. For a
complete description, please, refer above in sub-
stituting the appropriate index in the bit and regis-
ter names.
4.3.2.7 Software Force Compare
The force compare capability main purpose is to
facilitate fixed frequency generation.
When the Force Output Level 1 bit (FOLV1) of
TCR is written to 1, OLVL1 is copied to pin
OCMP1. To provide this capability, internal logic
allows a single instruction to change OLVL1 and
causes a forced compare with the new value of
OLVL1. OCF1 is not affected and thus, no inter-
rupt request is generated.
Figure 19. Input Capture Timing Diagram
Note: The Diagram represents a situation with rising edge sensitivity (IEDG1 = 1). The capture operation is performed at the next rising edge
of T11, if the action edge of ICAP happened before the previous T10 falling edge.
3456
789
10
11
12
ICAP FLAG
ICAP REGISTER
T10
T11
FF01h
FF02h
FF03h
FF03h
VR001180
2
1
COUNTER REGISTER
ICAP PIN (see note)
TIMER INTERNAL
CLOCKS
CPU CLOCK STANDARD
16-BIT TIMER (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com