Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 11Page - STMicroelectronics ST7293C3M1 Datasheet HTML 12Page - STMicroelectronics ST7293C3M1 Datasheet HTML 13Page - STMicroelectronics ST7293C3M1 Datasheet HTML 14Page - STMicroelectronics ST7293C3M1 Datasheet HTML 15Page - STMicroelectronics ST7293C3M1 Datasheet HTML 16Page - STMicroelectronics ST7293C3M1 Datasheet HTML 17Page - STMicroelectronics ST7293C3M1 Datasheet HTML 18Page - STMicroelectronics ST7293C3M1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
15/69
ST7294
3.4.4 PORTC Interrupt
The PORTC Interrupt can be generated on the
falling edge of one of pins PC0-PC5, if it is defined
as an interrupt source. When an enabled interrupt
occurs, normal processing is suspended at the
end of the current instruction execution. It is then
processed according to the flowchart on Figure
11.
If the interrupt is disabled (I high), the triggering
edge of the wake-up interrupt is internally latched
and the interrupt remains pending, to be proc-
essed as soon as the interrupt is enabled. This in-
ternal latch is cleared in the first part of the service
routine. Therefore one, and only one, external in-
terrupt can be latched and serviced at any instant.
3.4.5 Timer Interrupt
Two different timer interrupt flags are capable of
causing a timer interrupt when they are active, if
both the I bit of the CCR is reset, and if the corre-
sponding enable bit is set. If either of these condi-
tions is false, the interrupt is latched and thus re-
mains pending.
The interrupt flags are located in the Timer Status
Register (0013h). The Enable bit are in the Timer
Control Register (0012h).
When
an
enabled
interrupt
occurs,
normal
processing is suspended at the end of the current
instruction execution. It is then serviced according
to the flowchart on Figure 11. Software in the Tim-
er Service Routine must determine the priority and
cause of the timer interrupt by examining the inter-
rupt flags and the status bits located in the TSR.
The general sequence for clearing an interrupt is
an access to the status register while the flag is
set followed by a read or write of an associated
register. Note that the clearing sequence resets
the internal latch. A pending interrupt (i.e. waiting
for being enabled) will therefore be lost if the clear
sequence is executed.
Refer to Section 4.3 16-BIT TIMER, for further in-
formation.
INTERRUPTS (Continued)
Table 5. External Interrupt Options
INTP
INTN
External Interrupt Options
0
0
1
1
0
1
0
1
Negative edge and low-level sensitive
Negative edge sensitive only
Positive edge sensitive only
Positive and negative edge sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com