Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3M1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 8Page - STMicroelectronics ST7293C3M1 Datasheet HTML 9Page - STMicroelectronics ST7293C3M1 Datasheet HTML 10Page - STMicroelectronics ST7293C3M1 Datasheet HTML 11Page - STMicroelectronics ST7293C3M1 Datasheet HTML 12Page - STMicroelectronics ST7293C3M1 Datasheet HTML 13Page - STMicroelectronics ST7293C3M1 Datasheet HTML 14Page - STMicroelectronics ST7293C3M1 Datasheet HTML 15Page - STMicroelectronics ST7293C3M1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
12/69
ST7294
3.3 RESETS
3.3.1 Introduction
Resets are used to provide an orderly software
start-up procedure or to exit the power-saving
modes.
Two reset modes are provided: a Power-On Reset
and an External Reset via the RESET pin.
A summary of the effects of both Reset modes on
the different sections of the MCU is given in Table
4. For further information, please refer to the rele-
vant section.
3.3.2 External Reset
The External Reset is an active-low input signal
applied to the RESET pin of the MCU.
As shown in Figure 9, the RESET signal must stay
low for a minimum of one and a half CPU clock cy-
cles. A Reset causes the Reset Vector to be
fetched at addresses 01FFEh and 01FFFh in or-
der to be loaded into the PC.
The External Reset is used by the Watchdog sys-
tem to reset the MCU. When active, the Power-On
Reset circuitry pulls down the RESET pin. In both
cases, the RESET pin may be used as an output
to reset other devices. However, the pull down cir-
cuitry features current limiting to allow the connec-
tion of any input signal, including that originating
from an RC type circuit.
An internal Schmitt trigger connected to the RE-
SET pin improves noise immunity.
3.3.3 Power-On Reset (POR)
The Power-On Reset (POR) is generated on de-
tection of a positive transition on VDD (refer to Fig-
ure 9). This causes the Reset Vector to be fetched
from addresses 01FFEh and 01FFFh, and loaded
into the PC.
Internal circuitry provides a 4096 CPU clock cycle
delay from the moment the oscillator becomes ac-
tive. At the end of the Power-On Reset, the MCU
can be maintained in the reset condition by means
of the External Reset. The RESET pin can there-
fore be used to ensure V
DD has risen to a point
where the MCU can operate properly before run-
ning the MCU program.
During the POR phase, the RESET pin is pulled
low, thus permitting the MCU to reset other devic-
es.
The Power-On Reset is strictly used for power up
conditions and should not be used to detect any
drop in the power supply voltage. There is no pro-
vision for a power-down reset.
Figure 9. Power-On Reset Timing Diagram
OSCin
CPU CLOCK
PC UNKNOWN
3FFEh
3FFFh
VR02046A
t
OXOV
t
CYC
CPU RESET
t
DDR
V
DD
4096 t
CYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com