Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
7.6 Typical Characteristics
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Table 7-1. Table of Graphs
DESCRIPTION
FIGURE
Typical Distribution of Input Stage Offset Voltage
Figure 7-1
Typical Distribution of Input Stage Offset Voltage Drift
Figure 7-2
Typical Distribution of Output Stage Offset Voltage, G = 1
Figure 7-3
Typical Distribution of Output Stage Offset Voltage, G = 0.2
Figure 7-4
Typical Distribution of Output Stage Offset Voltage Drift
Figure 7-5
Typical Distribution of Input Offset Current
Figure 7-6
Typical Distribution of Input Bias Current, TA = 25°C
Figure 7-7
Typical Distribution of Input Bias Current, TA = 90°C
Figure 7-8
Typical CMRR Distribution, G = 1
Figure 7-9
Typical CMRR Distribution, G = 10
Figure 7-10
Typical Distribution of Gain Error, G = 0.2
Figure 7-11
Typical Distribution of Gain Error, G = 1
Figure 7-12
Typical Distribution of Gain Error, G = 10
Figure 7-13
Input Stage Offset Voltage vs Temperature
Figure 7-14
Input Bias Current vs Temperature
Figure 7-15
Input Offset Current vs Temperature
Figure 7-16
Input-Referred Output Offset Voltage vs Temperature
Figure 7-17
CMRR vs Temperature, G = 1
Figure 7-18
CMRR vs Temperature, G = 10
Figure 7-19
CMRR vs Frequency (RTI)
Figure 7-20
CMRR vs Frequency (RTI, 1-kΩ source imbalance)
Figure 7-21
Positive/Negative PSRR vs Frequency (RTI)
Figure 7-22
PSRR vs Frequency of VCLAMP+ (RTI)
Figure 7-23
Gain vs Frequency
Figure 7-24
Voltage Noise Spectral Density vs Frequency (RTI)
Figure 7-25
Current Noise Spectral Density vs Frequency (RTI)
Figure 7-26
0.1-Hz to 10-Hz RTI Voltage Noise, G = 0.2
Figure 7-27
0.1-Hz to 10-Hz RTI Voltage Noise, G = 1
Figure 7-28
0.1-Hz to 10-Hz RTI Voltage Noise, G = 1000
Figure 7-29
Positive Input Bias Current vs Common-Mode Voltage
Figure 7-30
Negative Input Bias Current vs Common-Mode Voltage
Figure 7-31
Gain Error vs Temperature
Figure 7-32
Quiescent Current vs Temperature
Figure 7-33
Gain Nonlinearity, G = 1
Figure 7-34
Gain Nonlinearity, G = 10
Figure 7-35
Offset Voltage vs Negative Common-Mode Voltage
Figure 7-36
Offset Voltage vs Positive Common-Mode Voltage
Figure 7-37
Positive Output Voltage Swing vs Output Current
Figure 7-38
Negative Output Voltage Swing vs Output Current
Figure 7-39
Claw Curve of VCLAMP+
Figure 7-40
Short Circuit Current vs Temperature
Figure 7-41
Large-Signal Frequency Response
Figure 7-42
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com