Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
eN(RTI) = √[eNI 2 + (eNO(G0.2 or G1) / GIN)2]
Figure 7-25. Voltage Noise Spectral Density vs Frequency (RTI)
Frequency (Hz)
200
200
300
500
700
1000
2000
3000
5000
7000
10000
20000
100m
1
10
100
1k
10k
100k
Current Noise N
Current Noise P
G = 1000 V/V
Figure 7-26. Current Noise Spectral Density vs Frequency (RTI)
Time (1s/div)
0
1
2
3
4
5
6
7
8
9
10
-3
-2
-1
0
1
2
3
G = 0.2 V/V
Figure 7-27. 0.1-Hz to 10-Hz RTI Voltage Noise
Time (1s/div)
0
1
2
3
4
5
6
7
8
9
10
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
G = 1 V/V
Figure 7-28. 0.1-Hz to 10-Hz RTI Voltage Noise
Time (1s/div)
0
1
2
3
4
5
6
7
8
9
10
-40
-30
-20
-10
0
10
20
30
40
G = 1000 V/V
Figure 7-29. 0.1-Hz to 10-Hz RTI Voltage Noise
Input Common Mode Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-40 C
25 C
85 C
125 C
CM Range
Figure 7-30. Positive Input Bias Current vs
Common
‑Mode Voltage
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com