Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
8.3.2 Offset Voltage
Low offset voltage is one of the key parameters for an instrumentation amplifier (INA). In a current-feedback INA,
this error source is classified in three stages: input, output, and intermediate. The input-stage dc offset (VOSI) is
mainly caused by the mismatch of the input transistors Q1 and Q2, (see Figure 8-1). The output-stage dc offset
(VOSO) is caused partially by the mismatch of the output amplifier A3. In the INA851, A3 is a fully-differential
amplifier and gained up by the noise gain of the circuit (1 + R5 / R3). An additional intermediate stage offset
contribution error adds to VOSO that is caused by the mismatch of the current mirrors in the front end (through R1
and R2).
Unlike typical instrumentation amplifiers that incorporate a difference amplifier (A3) with a fixed output gain,
the INA851 has two different output gain stages that subsequently contribute differently to VOSO; see Gaussian
distributions for G = GOUT = 1 V/V in Figure 7-3 and for G = GOUT = 0.2 V/V in Figure 7-4.
The following equation calculates the total offset voltage error referred to the input:
VOS= VOSI2+ VOSOGOUT=1 or GOUT=0.2
GIN
2
(3)
8.3.3 Input Common-Mode Range
The linear input voltage range of the INA851 input circuitry extends within 2.5 V (maximum) of both power
supplies, and maintains excellent common-mode rejection throughout this range. The valid input common-mode
range is a function of the input common-mode voltage, input differential voltage, gain, and output common-mode
voltage.
The common-mode range is best calculated using the INA851 Input-Output Range Design Calculator .
The common-mode range for the most common operating conditions are shown in Figure 8-3 to Figure 8-9.
Output Differential Voltage (V)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
G = 0.2 V/V
G = 0.5 V/V
VS± = ±4 V
Figure 8-3. Input Common-Mode Voltage vs Output
Voltage, Low Gains
Output Differential Voltage (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-15
-12
-9
-6
-3
0
3
6
9
12
15
G = 0.2 V/V
G = 0.5 V/V
VS± = 15 V
Figure 8-4. Input Common-Mode Voltage vs Output
Voltage, Low Gains
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com