Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
N = 297
Mean = –0.0048 %
Std. Dev. = 0.0136%
G = 10 V/V
Figure 7-13. Typical Gain Error Distribution at G = 10 V/V
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-75
-50
-25
0
25
50
75
Mean
+3
-3
N = 52
Figure 7-14. Input Stage Offset Voltage vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
Avg
+3
-3
N = 54
Figure 7-15. Input Bias Current vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-5
-4
-3
-2
-1
0
1
2
3
4
5
Avg
+3
-3
N = 54
Figure 7-16. Input Offset Current vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
Mean
+3
-3
N = 50
Figure 7-17. Input-Referred Output Offset Voltage vs
Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-130
-120
-110
-100
-90
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Figure 7-18. CMRR vs Temperature
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com