Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15QTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STBC15QTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15QTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STBC15QTR Datasheet HTML 4Page - STMicroelectronics STBC15QTR Datasheet HTML 5Page - STMicroelectronics STBC15QTR Datasheet HTML 6Page - STMicroelectronics STBC15QTR Datasheet HTML 7Page - STMicroelectronics STBC15QTR Datasheet HTML 8Page - STMicroelectronics STBC15QTR Datasheet HTML 9Page - STMicroelectronics STBC15QTR Datasheet HTML 10Page - STMicroelectronics STBC15QTR Datasheet HTML 11Page - STMicroelectronics STBC15QTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
5
Typical performance characteristics
VCHGIN = 5 V, VBAT = 3.6 V, C1 = 10 µF, C2 = 10 µF, VSET0,1 = 0 V; ISET0,1 = 0 V, SM floating, TA = 25 °C, unless
otherwise specified.
Figure 3. ICC vs. temperature (VBAT = 3.6 V; IOUT = 1 mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Junction Temperature [°C]
Figure 4. Floating voltage vs. temperature
4.10
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Junction Temperature [°C]
STBC15
STBC15L
Figure 5. Charge current vs. temperature
5
10
15
20
25
30
35
40
45
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Junction Temperature [°C]
ISET0=ISET1=CHGIN
ISET0=GND; ISET1=CHGIN
ISET0=CHGIN; ISET1=GND
ISET0=ISET1=GND
Figure 6. RON M3 vs. temperature
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Junction Temperature [°C]
STBC15
Typical performance characteristics
DS12551 - Rev 1
page 8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com