Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15QTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBC15QTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15QTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBC15QTR Datasheet HTML 6Page - STMicroelectronics STBC15QTR Datasheet HTML 7Page - STMicroelectronics STBC15QTR Datasheet HTML 8Page - STMicroelectronics STBC15QTR Datasheet HTML 9Page - STMicroelectronics STBC15QTR Datasheet HTML 10Page - STMicroelectronics STBC15QTR Datasheet HTML 11Page - STMicroelectronics STBC15QTR Datasheet HTML 12Page - STMicroelectronics STBC15QTR Datasheet HTML 13Page - STMicroelectronics STBC15QTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
6
Control pin description
PG
Power-Good open-drain, active high-z output pin. It provides the status about OUT valid voltage based. If OUT
voltage is higher than VBAT_CONN (4.1 V) then the pin goes to high-z. It is pulled down if OUT voltage is lower
VBAT_CONN (4.1 V). It requires an external pull-up resistor connected to VOUT.
CHGINOK
Input voltage source Power Good pin. It goes to high-z when the input voltage source is not valid. Logic negate.
VSET0,1
Set the floating battery voltage value. They can be tied to CHGIN or GND thus determining four different settings.
ISET0,1
Set the charging current. They can be tied to CHGIN or GND thus determining four different settings.
PKM
Peak mode input. It allows reducing battery shutdown threshold from normal operating mode to lower threshold
level. This enables the application to temporarily support load peak current that could otherwise generate false
battery shutdown detection.
SM
Shelf-mode activation pin. Active high input with internal pull-down resistor to reduce external components. When
high, the device enters shelf-mode. Block diagram.
Figure 9. STBC15 block diagram
STBC15
Control pin description
DS12551 - Rev 1
page 10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com