Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15QTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STBC15QTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15QTR Datasheet(HTML) 4 Page - STMicroelectronics

  STBC15QTR Datasheet HTML 1Page - STMicroelectronics STBC15QTR Datasheet HTML 2Page - STMicroelectronics STBC15QTR Datasheet HTML 3Page - STMicroelectronics STBC15QTR Datasheet HTML 4Page - STMicroelectronics STBC15QTR Datasheet HTML 5Page - STMicroelectronics STBC15QTR Datasheet HTML 6Page - STMicroelectronics STBC15QTR Datasheet HTML 7Page - STMicroelectronics STBC15QTR Datasheet HTML 8Page - STMicroelectronics STBC15QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
3
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
CHGIN
Input supply voltage pin
DC voltage
-0.3 to +7.0
V
BAT
Battery pin and system OUT pin
DC voltage
-0.3 to +5.5
V
Non repetitive,
60 s pulse length
-0.3 to +6.0
V
OUT
Battery pin and system OUT pin
DC voltage
-0.3 to +6.0
V
CHGINOK, VSET0,1, ISET0,1, PG, SM, PKM
I/O pins
DC voltage
-0.3 to +7.0
V
ESD
Charged device model (CDM)
±500
V
Human body model (all the others)
±2000
V
TAMB
Operating ambient temperature
-40 to +85
°C
TJ
Maximum junction temperature
+125
°C
TSTG
Storage temperature
-65 to +150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 4. Thermal data
Symbol
Parameter
QFN12
Flip-chip12
Unit
RTHJB(1)
Junction-to-pcb board thermal resistance
100
160
°C/W
1. Standard FR4 pcb board.
STBC15
Maximum ratings
DS12551 - Rev 1
page 4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com