Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15QTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STBC15QTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15QTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STBC15QTR Datasheet HTML 15Page - STMicroelectronics STBC15QTR Datasheet HTML 16Page - STMicroelectronics STBC15QTR Datasheet HTML 17Page - STMicroelectronics STBC15QTR Datasheet HTML 18Page - STMicroelectronics STBC15QTR Datasheet HTML 19Page - STMicroelectronics STBC15QTR Datasheet HTML 20Page - STMicroelectronics STBC15QTR Datasheet HTML 21Page - STMicroelectronics STBC15QTR Datasheet HTML 22Page - STMicroelectronics STBC15QTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
List of figures
Figure 1.
STBC15 application schematic ......................................................... 2
Figure 2.
Pin connection (top through view) ....................................................... 3
Figure 3.
ICC vs. temperature (VBAT = 3.6 V; IOUT = 1 mA) ............................................. 8
Figure 4.
Floating voltage vs. temperature ........................................................ 8
Figure 5.
Charge current vs. temperature ........................................................ 8
Figure 6.
RON M3 vs. temperature ............................................................. 8
Figure 7.
Battery leakage current vs. VBAT (VCHGIN = 0 V; VBAT > VBAT_OVD) ................................ 9
Figure 8.
Battery leakage current vs. VBAT (VCHGIN = 0 V; VBAT < VBAT_OVD; shelf mode) ....................... 9
Figure 9.
STBC15 block diagram ............................................................. 10
Figure 10.
Operational simplified state machine diagram .............................................. 11
Figure 11.
QFN12 (1.7 x 2.0 mm) package outline .................................................. 14
Figure 12.
QFN12 (1.7 x 2.0 mm) recommended footprint ............................................. 15
Figure 13.
Flip-chip12 (1.1 x 1.41 mm) package outline............................................... 16
Figure 14.
Flip-chip12 (1.1 x 1.41 mm) recommended footprint ......................................... 17
STBC15
List of figures
DS12551 - Rev 1
page 22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com