Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL372 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL372
Description  COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL372 Datasheet(HTML) 1 Page - Sharp Corporation

  GL372 Datasheet HTML 1Page - Sharp Corporation GL372 Datasheet HTML 2Page - Sharp Corporation GL372 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - GL372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL37931 ETC-GL37931 Datasheet
426Kb / 5P
SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results

Similar Description - GL372

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL453 SHARP-GL453 Datasheet
43Kb / 4P
Bidirectional Emission Type Infrared Emitting Diode
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
GL514 SHARP-GL514 Datasheet
45Kb / 4P
TO-18 Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL610T SHARP-GL610T Datasheet
16Kb / 1P
Ultra-compact Chip Part Type Infrared Emitting Diodes
PT370 SHARP-PT370 Datasheet
191Kb / 5P
COMPACT, STEM TYPE PHOTOTRANSISTOR
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL100MN0MP SHARP-GL100MN0MP Datasheet
969Kb / 11P
Surface Mount Type, Infrared Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com