Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF12TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STNRGPF12TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STNRGPF12TR Datasheet HTML 5Page - STMicroelectronics STNRGPF12TR Datasheet HTML 6Page - STMicroelectronics STNRGPF12TR Datasheet HTML 7Page - STMicroelectronics STNRGPF12TR Datasheet HTML 8Page - STMicroelectronics STNRGPF12TR Datasheet HTML 9Page - STMicroelectronics STNRGPF12TR Datasheet HTML 10Page - STMicroelectronics STNRGPF12TR Datasheet HTML 11Page - STMicroelectronics STNRGPF12TR Datasheet HTML 12Page - STMicroelectronics STNRGPF12TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
3.2.3
Output Current measurement
Pin 33, Iout. PFC Output current. The measurement of this current allows to implement the following functions.
•
Load feedforward. The input current reference is modified proportionally to the load, in order to give a faster
response versus load transient.
•
Channels power management. Each channel can be enabled or disabled based on output current level. For
example, up to 50% of the load, only one channel may be enabled, above 50% two channel configurations
can be selected,
3.2.4
Output voltage sensing
Pin 34, Vout. Output Voltage sensing. This feedback input is connected via a voltage divider to the boost output
voltage. The voltage divider will give the Vout_fb to Digital Voltage Control Block and it’s used in order to
implements the following functions.
•
Output voltage regulation.
•
Over voltage protection
In Figure 8 the block scheme of Vin Iout and Vout is reported.
Figure 8. Vin, Iout and Vout Measurement
3.2.5
Channel current measurement
Pin 35 Pin 36. ICH[0], ICH[1]: channel current measurements. These pins measure the currents flowing in each
channel. The signal coming from sensing resistors is sent to a low pass filter and finally it’s connected to Pin 35
and Pin 36. The low pass filter must be sized so that its passband is about ten times lower than the switching
frequency of the single channel. The result of this measurement is internally used to perform the current balance
between the two channels.
STNRGPF02, STNRGPF12
Measurements section
DS12895 - Rev 2
page 9/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com