Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF12TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STNRGPF12TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STNRGPF12TR Datasheet HTML 22Page - STMicroelectronics STNRGPF12TR Datasheet HTML 23Page - STMicroelectronics STNRGPF12TR Datasheet HTML 24Page - STMicroelectronics STNRGPF12TR Datasheet HTML 25Page - STMicroelectronics STNRGPF12TR Datasheet HTML 26Page - STMicroelectronics STNRGPF12TR Datasheet HTML 27Page - STMicroelectronics STNRGPF12TR Datasheet HTML 28Page - STMicroelectronics STNRGPF12TR Datasheet HTML 29Page - STMicroelectronics STNRGPF12TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.(1)
Unit
IDD(RUN)
Total current
consumption
VDD/VDDA = 5 V
28
34
mA
1. Test conditions: data based on characterization results not tested in production. Temperature operating: TA = 25 °C.Device
in run mode.
5.3.3
Memory characteristics
Flash program and memory/data E2PROM.
General conditions: TA = -40 °C to 105 °C.
Table 9. Flash program memory/data E2PROM
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
tPROG
Standard programming time (including
erase) for byte/word/block
6
6.6
ms
Fast programming time for 1 block (128
bytes)
3
3.3
tERASE
Erase time for 1 block (128 bytes)
3
3.3
NWE
Erase/write cycles (2) (program memory)
TA = 25°C
10K
Cycles
Erase/write cycles (2)(data memory)
TA = 85°C
100K
TA = 105°C
35K
tRET
Data retention (program memory) after
10K erase/write cycles at TA= 25°C
TRET = 85°C
15
Years
Data retention (program memory) after
10K erase/write cycles at TA= 25°C
TRET =
105°C
11
Data retention (data memory) after
100K erase/write cycles at TA= 85°C
TRET = 85°C
15
Data retention (data memory) after 35K
erase/write cycles at TA= 105°C
TRET =
105°C
6
IDDPRG
Supply current during program and
erase cycles
-40 ºC ≤ TA
≤ 105 ºC
2
mA
1. Data based on characterization results, not tested in production.
2. The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes even when a write/erase operation
addresses a single byte.
5.3.4
Input/output specifications
The STNRGPFx2 device includes three different I/O types:
•
Normal I/Os (O or I);
•
Fast I/O (OP);
•
High speed I/O (CLOCK).
The STNRGPFx2 I/Os are designed to withstand the current injection. For the negative injection current of 4 mA,
the resulting leakage current in the adjacent input does not exceed 1 μA
5.3.5
I/O port pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. Unused input pins should not
be left floating.
STNRGPF02, STNRGPF12
Operating conditions
DS12895 - Rev 2
page 26/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com