Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF12TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STNRGPF12TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STNRGPF12TR Datasheet HTML 28Page - STMicroelectronics STNRGPF12TR Datasheet HTML 29Page - STMicroelectronics STNRGPF12TR Datasheet HTML 30Page - STMicroelectronics STNRGPF12TR Datasheet HTML 31Page - STMicroelectronics STNRGPF12TR Datasheet HTML 32Page - STMicroelectronics STNRGPF12TR Datasheet HTML 33Page - STMicroelectronics STNRGPF12TR Datasheet HTML 34Page - STMicroelectronics STNRGPF12TR Datasheet HTML 35Page - STMicroelectronics STNRGPF12TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Table 14. Analog comparator characteristics
Symbol
Parameter
Conditions
Min.(1)
Typ.
Max.(1)
Unit
VCPP01
Comparator CP0,1 positive input
voltage range
-40 ºC ≤ TA ≤ 105 ºC
0
-
1.23(2)
V
VCPP23
Comparator CP2,3 positive input
voltage range
-40 ºC ≤ TA ≤ 105 ºC
0
-
2(3)
V
VCPM23
Comparator CP2,3 negative
external input voltage range
-40 ºC ≤ TA ≤ 105 ºC
0
-
2(3)
V
CIN
Input capacitance
-
3
-
pF
Voffset
Comparator offset error
-
-
15
mV
tCOMP
Comparison delay time
-
-
50(4)
ns
1. Data based on characterization results, not tested in production.
2. Maximum analog input voltage for comparators CP0 and CP1.
3. Maximum analog input voltage for comparators CP2 and CP3.
4. The overdrive voltage is ± 50 mV.
5.5
EMC characteristics
5.5.1
Electrostatic discharge (ESD)
Electrostatic discharges (3 positive then 3 negative pulses separated by 1 second) are applied to the pins of each
sample according to each pin combination. The sample size depends on the number of supply pins in the device
[3 parts * (n + 1) supply pin].
Table 15. ESD absolute maximum ratings (Data based on characterization results, not tested in
production).
Symbol
Ratings
Conditions
Maximum value
Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA = 25 °C, conforming to
JEDEC/JESD22-A114E
2000
V
VESD(CDM)
Electrostatic discharge voltage
(charge device model)
TA = 25 °C, conforming to
ANSI/ESD STM 5.3.1 ESDA
500
VESD(MM)
Electrostatic discharge voltage
(machine model)
TA = 25 °C, conforming to
JEDEC/JESD-A115-A
200
5.5.2
Static latch-up
Two complementary static tests are required on 10 parts to assess the latch-up performance.
A supply overvoltage (applied to each power supply pin) and a current injection (applied to each input, output and
configurable I/O pin) are performed on each sample. This test conforms to the EIA/JESD78 IC latch-up standard.
Table 16. Electrical sensitivity
Symbol
Parameter
Conditions
Level
LU
Static latch-up class
TA = 105 °C
A
STNRGPF02, STNRGPF12
EMC characteristics
DS12895 - Rev 2
page 32/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com