Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF12TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STNRGPF12TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STNRGPF12TR Datasheet HTML 12Page - STMicroelectronics STNRGPF12TR Datasheet HTML 13Page - STMicroelectronics STNRGPF12TR Datasheet HTML 14Page - STMicroelectronics STNRGPF12TR Datasheet HTML 15Page - STMicroelectronics STNRGPF12TR Datasheet HTML 16Page - STMicroelectronics STNRGPF12TR Datasheet HTML 17Page - STMicroelectronics STNRGPF12TR Datasheet HTML 18Page - STMicroelectronics STNRGPF12TR Datasheet HTML 19Page - STMicroelectronics STNRGPF12TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
•
The device will enter in Burst Mode regulation. The PFC output voltage will oscillate between two
settable levels (Vburst_min and Vburst_max). These levels can be defined during device customization.
Figure 18. Running mode or Burst mode
Time
Vout
PFC Soft Power-On
Vout_ref
Vin_pk
PFC_OK
TSTART
PFC Running Mode
PFC Burst Mode
Vburst_min
Vburst_max
PFC_OK
(a)
(b)
As soon as the PFC_OK pin becomes low two conditions may occur: The load is applied.
a) The device immediately will regulate the output voltage at Vout_ref value. Figure 18 (a)
b) The PFC remains in no-load condition: the output voltage will range between Vburst_min and
Vburst_max until the load will be applied Figure 18 (b)
3.7.3
Fan control
The device offers the possibility to realize a control on cooling system. The customer will defines the power level
for the function activation. Pin 20 , FAN gives a CMOS/TTL signal that became low for power level higher than the
specified threshold. See Figure 19.
STNRGPF02, STNRGPF12
Start-up & Inrush Current Limiter function
DS12895 - Rev 2
page 16/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com