Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10M60SF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10M60SF
Description  60 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M60SF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10M60SF Datasheet HTML 1Page - STMicroelectronics STPS10M60SF Datasheet HTML 2Page - STMicroelectronics STPS10M60SF Datasheet HTML 3Page - STMicroelectronics STPS10M60SF Datasheet HTML 4Page - STMicroelectronics STPS10M60SF Datasheet HTML 5Page - STMicroelectronics STPS10M60SF Datasheet HTML 6Page - STMicroelectronics STPS10M60SF Datasheet HTML 7Page - STMicroelectronics STPS10M60SF Datasheet HTML 8Page - STMicroelectronics STPS10M60SF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Low profile design – package height of 1.1 mm typ.
•
Wettable flanks for automatic visual inspection
•
Low forward voltage drop
•
Avalanche capability
•
ECOPACK®2 compliant
Applications
•
Set-top box
•
Battery charger
•
DC / DC converter
•
Notebook adapter
•
Switching diode
Description
This 60 V Schottky barrier rectifier has been optimized for use in high frequency
miniature DC/DC converters, reverse battery protection, battery chargers and
adaptors.
Packaged in PSMC (TO-277A), the STPS10M60SF provides a high level of
performance in a compact and flat package which can withstand very high operating
junction temperature.
Product status link
STPS10M60SF
Product summary
Symbol
Value
IF(AV)
10 A
VRRM
60 V
Tj (max.)
175 °C
VF (typ.)
0.53 V
60 V power Schottky rectifier
STPS10M60SF
Datasheet
DS12677 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS10M60SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10M60SFY STMICROELECTRONICS-STPS10M60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
06-Aug-2018
More results

Similar Description - STPS10M60SF

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125613 SENSITRON-SHD125613 Datasheet
84Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop (60 V, 35A)
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
logo
Nexperia B.V. All right...
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com