Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STR485
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STR485 Datasheet HTML 2Page - STMicroelectronics STR485 Datasheet HTML 3Page - STMicroelectronics STR485 Datasheet HTML 4Page - STMicroelectronics STR485 Datasheet HTML 5Page - STMicroelectronics STR485 Datasheet HTML 6Page - STMicroelectronics STR485 Datasheet HTML 7Page - STMicroelectronics STR485 Datasheet HTML 8Page - STMicroelectronics STR485 Datasheet HTML 9Page - STMicroelectronics STR485 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3
Absolute maximum ratings and operating conditions
Table 5. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VL
Control supply voltage
-0.5
4
V
VCC
Bus supply voltage
-0.5
4.8
V
Voltage range at A or B inputs
-13
13
V
Input voltage range at any logic pin
-0.3
VL+0.3
V
Receiver output current
-12
12
mA
TJ
Junction temperature
170
°C
Tstg
Storage temperature
-65
150
°C
ESD
IEC 61000-4-2 ESD (air-gap discharge), bus terminals and GND
± 16
kV
IEC 61000-4-2 ESD (contact discharge), bus terminals and GN
± 8
kV
IEC 61000-4-4 EFT (fast transient or burst) bus terminals and GND
± 2
kV
JEDEC standard 22, test method A114, HBM, all terminals
± 4
kV
JEDEC standard 22, test method C101, (charged device model), all pins
± 1.5
kV
Note:
All voltage values, except the differential voltage, are with respect to network ground terminal.
Table 6. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VL
Control supply voltage
1.65
3.6
V
VCC
Bus supply voltage
3
3.3
3.6
VI
Input level at any bus terminal (separately or common mode)
-7
12
VIH
High level input voltage (driver, driver enabled, receiver enable inputs, and slew rate
select)
0.7×VL
VL
VIL
Low level input voltage (driver, driver enable, receiver enable inputs, and slew rate
select)
0
0.3×VL
VID
Differential input voltage
-12
12
IO
Output current / driver
-80
80
mA
Output current / receiver
- 2
2
RL
Differential load resistance
54
60
Ω
CL
Differential load capacitance
50
pF
DR
Signaling rate / SLR = ‘0’
20
Mbps
Signaling rate / SLR = ‘1’
250
kbps
TA
Operating free-air temperature
-40
105
°C
Operation is specified for internal (junction temperature) up to 150 °C. Self-heating due to internal power
dissipation should be considered for each application. Maximum junction temperature is internally limited by the
thermal shut-down circuit which disables the driver outputs when the junction temperature reaches 165 °C.
STR485
Absolute maximum ratings and operating conditions
DS12713 - Rev 1
page 6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com