Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR485
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485 Datasheet(HTML) 4 Page - STMicroelectronics

  STR485 Datasheet HTML 1Page - STMicroelectronics STR485 Datasheet HTML 2Page - STMicroelectronics STR485 Datasheet HTML 3Page - STMicroelectronics STR485 Datasheet HTML 4Page - STMicroelectronics STR485 Datasheet HTML 5Page - STMicroelectronics STR485 Datasheet HTML 6Page - STMicroelectronics STR485 Datasheet HTML 7Page - STMicroelectronics STR485 Datasheet HTML 8Page - STMicroelectronics STR485 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2
Truth tables
The STR485 is a half-duplex differential driver/receiver compliant to the RS485 communication standard (ISO-IEC
8482). This product is perfectly adapted for low voltage application running with a low power supplies VL,
generally set to 1.8 V and VCC set to 3.3 V.
These voltages confer a low power consumption to the product.
SLR is the data rate selection, this pin could be let floating but it is not recommended; in that case the high speed
rate is automatically selected.
The SLR pin must be connected to the ground to provide a high speed communication up to 20 Mbps.
When this pin is connected to VL power supply, the data rate is limited to 250 kbps more adapted for very long
distance data transmission.
Figure 4. Block diagram
The product is perfectly adapted to run with 256 devices on the same bus thanks to the internal output resistance
that is over 96 kΩ up to 105 °C; this resistance follows the RS485 condition that requests a minimum of 12 kΩ for
32 unit loads (UL).
The STR485 has internal protection against ESD that protect each device driver output and receiver input. The
limits have been tested up ±4 kV electrostatic discharge (HBM) and ± 8 kV contact discharge and ± 16 kV air
discharge shocks without latch-up.
Another external protections can be used to increase the communication robustness against different perturbation
that can be seen on the application.
The power supplies must be well-decoupled by a minimal capacitor of 0.1 µF as closed as possible to the device
power supply input. Moreover, the capacitor should be higher on the application with a minimum of 1 µF around
the device.
The device operating range is set from VL = 1.65 V to 3.6 V and for Vcc = 3.0 V to 3.6 V. In any case VCC must
be higher or equal than VL.
The applications should respect this voltage constraints to let the application communication device run to the
best conditions.
STR485
Truth tables
DS12713 - Rev 1
page 4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com