Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STR485
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STR485 Datasheet HTML 9Page - STMicroelectronics STR485 Datasheet HTML 10Page - STMicroelectronics STR485 Datasheet HTML 11Page - STMicroelectronics STR485 Datasheet HTML 12Page - STMicroelectronics STR485 Datasheet HTML 13Page - STMicroelectronics STR485 Datasheet HTML 14Page - STMicroelectronics STR485 Datasheet HTML 15Page - STMicroelectronics STR485 Datasheet HTML 16Page - STMicroelectronics STR485 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Figure 11. Receiver output rise and fall times and propagation delay
0V
VL
A
RE
VO
50%
tPLH
tPHL
VI
VO
10%
90%
tr
tf
VL
1V5
B
VI
0 V
VOL
VOH
50%
90%
10%
Figure 12. Receiver enable/disable times with driver enabled
1 kΩ ±1%
CL=15 pF±20%
VL
VI
50 Ω
50%
tPZH(1)
VI
VO
VL
50%
VOL
0V
VL
≈ 0V
tPHZ
90%
VO
50%
50%
tPZL(1)
10%
tPLZ
VOH
D at VL
S1 to GND
D at OV
S1 to VL
STR485
Test circuits and typical characteristics
DS12713 - Rev 1
page 13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com