Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STR485
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STR485 Datasheet HTML 10Page - STMicroelectronics STR485 Datasheet HTML 11Page - STMicroelectronics STR485 Datasheet HTML 12Page - STMicroelectronics STR485 Datasheet HTML 13Page - STMicroelectronics STR485 Datasheet HTML 14Page - STMicroelectronics STR485 Datasheet HTML 15Page - STMicroelectronics STR485 Datasheet HTML 16Page - STMicroelectronics STR485 Datasheet HTML 17Page - STMicroelectronics STR485 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Figure 13. Receiver enable/disable times with driver disabled
1kΩ ± 1%
CL=15pF ± 20%
VL
VI
50Ω
50%
tPZH(2)
VI
VO
VL
VOL
0V
VL
≈ 0V
VO
50%
50%
tPZL(2)
VOH
A at 1.5V
B at 0V
S1 to GND
0V or 1V5
1V5 or 0V
A
B
S1
A at 0 V
B at 1.5 V
S1 to VL
Figure 14. Short-circuit output current measurement
A
B
ISHORT
ISHORT
vSHORT
vSHORT
When one of the driver output is shorted to a voltage source (named VSHORT) between -7 V to +12 V stabilized,
the current does not exceed 250 mA and the driver is protected.
STR485
Test circuits and typical characteristics
DS12713 - Rev 1
page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com