Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.236..PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-VSK.236..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.236..PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-VSK.236..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 04-May-17
4
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Power Loss Characteristics
Fig. 8 - On-State Power Loss Characteristics
2500
2000
1500
1000
4000
3500
3000
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
VSK.166.. Series
Initial T
J = 150 °C
500
4000
3500
3000
2500
2000
1500
1000
Pulse Train Duration (s)
0.1
1
0.01
Maximum non-repetitive surge current
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
versus pulse train duration.
VSK.166.. Series
0
100
150
200
250
300
50
Total RMS Output Current (A)
50
100
150
200
250
0
DC
VSK.166.. Series
Per junction
T
J = 150 °C
0
200
250
300
150
100
50
Maximum Allowable Ambient Temperature (°C)
25
50
75
100
125
150
0
0.3
K/W
0.4
K/W
0.5
K/W
0.7
K/W
0
1200
1800
Total Output Current (A)
0
180°
(Sine)
180°
(Rect)
2 x VSK.166.. Series
Single phase bridge
Connected
T
J = 150 °C
+
-
~
1600
1400
1000
800
600
400
200
100
200
300
400
500
0
800
600
400
200
1800
1600
1400
1200
1000
Maximum Allowable Ambient Temperature (°C)
25
50
75
100
125
150
0
R
thSA
=
0.12
K/W
- Δ
R
0.04
K/W
0.06
K/W
0.1
K/W
0.16
K/W
0.25
K/W
0.5 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com