Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.236..PBF Datasheet(PDF) 12 Page - Vishay Siliconix

Part # VS-VSK.236..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.236..PBF Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button VS-VSK.236..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 11Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 12Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Document Number: 95254
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 11-Dec-07
1
INT-A-PAK DBC
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
17 (0.67)
23 (0.91)
23 (0.91)
3 screws M6 x 10
66 (2.60)
94 (3.70)
1
2
3
37 (1.44)
80 (3.15)
Ø 6.5 (Ø 0.25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com