Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.236..PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-VSK.236..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.236..PBF Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VS-VSK.236..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 04-May-17
7
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 18 - On-State Power Loss Characteristics
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
Fig. 21 - On-State Power Loss Characteristics
Fig. 22 - On-State Power Loss Characteristics
800
600
400
200
0
1800
1600
1400
1200
1000
Total Output Current (A)
200
100
300
400
500
600
0
120°
(Rect)
3 x VSK.196.. Series
Three phase bridge
Connected
T
J = 150 °C
+
-
~
0
800
600
400
200
1800
1600
1400
1200
1000
Maximum Allowable Ambient Temperature (°C)
50
25
75
100
150
125
0
0.06
K/W
0.08
K/W
0.12
K/W
0.16
K/W
0.25
K/W
0.4 K/W
130
140
150
160
120
110
100
90
80
Average Forward Current (A)
50
100
150
200
250
0
VSK.236.. Series
R
thJC (DC) = 0.14 K/W
Ø
Conduction angle
180°
90°
120°
60°
30°
130
140
150
120
110
100
90
80
70
Average Forward Current (A)
50
100
150
200
300
250
350
400
0
DC
VSK.236.. Series
R
thJC (DC) = 0.14 K/W
Ø
Conduction period
120°
180°
90°
60°
30°
0
250
300
350
200
150
100
50
Average Forward Current (A)
50
100
150
200
250
0
RMS limit
180°
120°
90°
60°
30°
VSK.236.. Series
T
J = 150 °C
Conduction angle
Ø
0
350
400
450
300
250
200
150
100
50
Average Forward Current (A)
50
100
150
200
300
250
350
400
0
DC
180°
120°
90°
60°
30°
RMS limit
VSK.236.. Series
Per junction
T
J = 150 °C
Ø
Conduction period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com