Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.236..PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-VSK.236..PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.236..PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-VSK.236..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.236..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 04-May-17
2
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
VSK.166 VSK.196 VSK.236
Maximum average on-state
current at case temperature
IF(AV)
180° conduction, half sine wave
165
195
230
A
100
100
100
°C
Maximum RMS on-state current
IF(RMS)
260
305
360
A
Maximum peak, one-cycle
on-state, non-repetitive
surge current
IFSM
t = 10 ms
No voltage
reapplied
Sine half wave,
initial TJ =
TJ maximum
4000
4750
5500
t = 8.3 ms
4200
4980
5765
t = 10 ms
100 % VRRM 
reapplied
3350
4000
4630
t = 8.3 ms
3500
4200
4850
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
80
113
151
kA2s
t = 8.3 ms
73
103
138
t = 10 ms
100 % VRRM 
reapplied
56
80
107
t = 8.3 ms
52
73
98
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
798
1130
1516
kA2s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ maximum
0.73
0.69
0.7
V
High level value of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ maximum
0.88
0.78
0.83
Low level value on-state
slope resistance
rt1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ maximum
1.5
1.3
1.2
m
High level value on-state
rt2
(I >
 x I
F(AV)), TJ maximum
1.26
1.2
1.07
Maximum forward voltage drop
VFM
IFM =  x IF(AV), TJ = 25 °C, 180° conduction
Average power = VF(TO) x IF(AV) + rf x (IF(RMS))2
1.43
1.38
1.46
V
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.166 VSK.196 VSK.236
UNITS
Maximum peak reverse and
off-state leakage current
IRRM
TJ = 150 °C
20
mA
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted,
t = 1 s
3500
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
VSK.166 VSK.196 VSK.236
Maximum junction operating and
storage temperature range
TJ, TStg
-40 to +150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.2
0.16
0.14
K/W
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and greased
0.05
Mounting
torque ± 10 %
IAP to heatsink
A mounting compound is recommended and
the torque should be rechecked after a period
of 3 hours to allow for the spread of
the compound. Lubricated threads.
4 to 6
Nm
busbar to IAP
Approximate weight
200
g
7.1
oz.
Case style
INT-A-PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com