Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB155 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RUSB155
Description  Poly Switch PTC DEVICES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSB155 Datasheet(HTML) 1 Page - Tyco Electronics

  RUSB155 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
800-227-4856
FAX 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RUSB155
DOCUMENT: SCD 24372
PCN: 832071
REV LETTER: C
REV DATE: FEBRUARY 3, 2003
PAGE NO.: 1 OF 1
Specification Status: RELEASED
Electrical Rating
Voltage: 6VDC MAX
Current: 40A MAX
Insulating Material:
Cured, Flame Retardant Epoxy Polymer
meets UL 94 V-O Requirements
Lead Material:
24 AWG Tin Lead Plated Copper Clad Steel
Marking:
Raychem Logo
Lot Identification
Part Identification
R155
(can be on back)
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
6.9
--
11.7
4.3
5.9
7.6
--
--
3.1
in*:
--
(0.27)
--
(0.46) (0.17) (0.23)
(0.30)
--
--
(0.12)
TABLE II. PERFORMANCE RATINGS :
I HOLD
RATED
CURRENT
CURRENT
RATINGS
INITIAL
RESISTANCE
VALUES
ONE HOUR
POST-TRIP
RESISTANCE
STANDARD TRIP
TIME TO TRIP
@ 7.75A
TRIPPED-STATE
POWER
DISSIPATION
AMPERS
AT 20
°C
AMPERES
AT 20
°C
OHMS
AT 20
°C
OHMS
AT 20
°C
SECONDS AT
20
°C
WATTS
AT 20
°C
HOLD
HOLD
TRIP
MIN
TYP
MAX
1.55
1.55
2.65
0.04
0.06
0.10
2.2
0.6
Agency Recognitions:
UL, CSA, TUV recognized.
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


Similar Part No. - RUSB155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUSBF075 MACOM-RUSBF075 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
RUSBF075 MACOM-RUSBF075 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
RUSBF075 MACOM-RUSBF075 Datasheet
329Kb / 28P
PolySwitch Resettable Devices Radial-leaded Devices
RUSBF075 MACOM-RUSBF075 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
RUSBF075 LITTELFUSE-RUSBF075 Datasheet
344Kb / 2P
Specification Status: Released
More results

Similar Description - RUSB155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RHE400 MACOM-RHE400 Datasheet
124Kb / 2P
Poly Switch PTC DEVICES
RHE600 MACOM-RHE600 Datasheet
114Kb / 1P
Poly Switch PTC DEVICES
RHE750 MACOM-RHE750 Datasheet
110Kb / 1P
Poly Switch PTC DEVICES
RHE1000 MACOM-RHE1000 Datasheet
134Kb / 1P
Poly Switch PTC DEVICES
RHE1500 MACOM-RHE1500 Datasheet
38Kb / 1P
Poly Switch PTC DEVICES
RTE120 MACOM-RTE120 Datasheet
79Kb / 1P
Poly Switch PTC DEVICES
logo
List of Unclassifed Man...
RTE135 ETC1-RTE135 Datasheet
86Kb / 1P
Poly Switch PTC DEVICES
RUE250U ETC1-RUE250U Datasheet
18Kb / 1P
Poly Switch PTC DEVICES
logo
Tyco Electronics
RXE005 MACOM-RXE005 Datasheet
89Kb / 1P
Poly Switch PTC DEVICES
RXE050 MACOM-RXE050 Datasheet
19Kb / 1P
Poly Switch PTC DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com