Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSW4LBHT Datasheet(PDF) 1 Page - Littelfuse

Part # ECSW4LBHT
Description  Current Monitoring Relays and Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ECSW4LBHT Datasheet(HTML) 1 Page - Littelfuse

  ECSW4LBHT Datasheet HTML 1Page - Littelfuse ECSW4LBHT Datasheet HTML 2Page - Littelfuse ECSW4LBHT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/ecsw
ECSW SERIES
Description
The ECSW Series of single-phase, AC window, current sensors
includes adjustable overcurrent and undercurrent trip points.
Detects locked rotor, jam, loss of load, an open heater or
lamp load, a broken belt, or loss of suction. LED’s aid in trip
point adjustment and provide fault indication. The built-in
toroidal sensor eliminates the need for an external current
transformer. The output can be electrically latched after a fault,
or automatically reset. Remote resetting of a latched output
by removing input voltage. The unit includes switch selectable
zero current detection and normally de-energized or energized
output operation. Time delays are included to improve operation
and eliminate nuisance tripping.
Features & Benefits
FEATURES
BENEFITS
Built-in toroidal
current sensing
Eliminates need to install stand alone
current transformer and provides isolation from
monitored circuit
Encapsulated
Protects against shock, vibration, and humidity
LED indication
Visual indication for trip point adjustment and fault
indication
Multiple switch
selectable features
User selectable zero current detection, latched,
normally de-energized, or energized output adds
application flexibility
Adjustable trip delay
Eliminates nuisance tripping and prevents
rapid cycling
Isolated 10A, SPDT
output contacts
Allows control of loads for AC or DC voltages
Operation
When the input voltage is applied, sensing delay on startup
begins and the output transfers (if normally energized is
selected). Upon completion of the startup delay, sensing of
the monitored current begins. As long as current is above
undercurrent trip point and below the overcurrent trip point
(inside the window), the output relay remains in its normal
operating condition and both red LED’s are OFF. The green LED
glows when the output is energized. If current varies outside
the window, the associated red LED glows, and the trip delay
begins. If the current remains outside the window for the full
Wiring Diagram
Current Sensors
L1
N/L2
MC = Motor Contactor
M = Motor
F = Fuses
OL = Overload
RSW = Reset Switch
FSW = Fan or Float Contacts
CR = Control Relay
CS = Current Sensor
MCC = Motor Contactor Coil
V = Voltage
I> = Adjustable Overcurrent
I< = Adjustable Undercurrent
W = Monitored Wire
∆T - AdjustableTrip Delay
Ordering Information
MODEL
INPUT VOLTAGE
TRIP POINT ADJUST. TRIP DELAY
SENSING DELAY ON STARTUP
CONNECT.
ECSW3LABT
24VDC
0.5 - 5A
0.150 - 7s
0.1s
Terminal blocks
ECSW4HBHT
120VAC
5 - 50A
0.5 - 50s
6s
Terminal blocks
ECSW4LADT
120VAC
0.5 - 5A
0.150 - 7s
2s
Terminal blocks
ECSW4LBHT
120VAC
0.5 - 5A
0.5 - 50s
6s
Terminal blocks
ECSW4MACT
120VAC
2 - 20A
0.150 - 7s
1s
Terminal blocks
ECSW4MBHT
120VAC
2 - 20A
0.5 - 50s
6s
Terminal blocks
ECSW4MBGT
120VAC
2 - 20A
0.5 - 50s
5s
Terminal blocks
ECSW6MBHT
230VAC
2 - 20A
0.5 - 50s
6s
Terminal blocks
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - ECSW4LBHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECS VISHAY-ECS Datasheet
319Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
24-May-07
logo
Littelfuse
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
logo
Vishay Siliconix
ECS VISHAY-ECS Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
logo
XP Power Limited
ECS XPPOWER-ECS Datasheet
1Mb / 4P
25-60 Watts ECS Series
27 July 2022
logo
ECS, Inc.
ECS-.327-12.5-11X ECS-ECS-.327-12.5-11X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
More results

Similar Description - ECSW4LBHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com