Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST223C..C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-ST223C..C
Description  Inverter Grade Thyristors (Hockey PUK Version), 390 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST223C..C Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-ST223C..C Datasheet HTML 1Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 2Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 3Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 4Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 5Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 6Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 7Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 8Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VS-ST223C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 13-Sep-17
4
Document Number: 93672
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
30
40
50
60
70
80
90
100
110
120
130
0
5 0
1 00
150
2 00
25 0
3 0 0
30°
60 °
90°
120 °
180 °
Av e ra g e O n -sta te C u rre n t ( A )
Co nd uc tio n A ng le
ST 223C ..C S e ries
(Sin g le S id e C o o le d )
R
( D C ) = 0 .1 7 K / W
thJ - hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
5 0 1 00 15 0 2 00 2 5 0 3 0 0 350 4 00 4 5 0
DC
30 °
60°
90°
12 0 °
180 °
A v era g e O n -s ta t e C u rren t ( A )
Co nd uctio n Pe rio d
ST 2 2 3 C ..C S e rie s
(Sin g le S id e C o o le d )
R
( D C ) = 0 .1 7 K / W
thJ- hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00
200
3 0 0
40 0
5 0 0
30°
60°
90°
120 °
180 °
A v e ra g e O n -sta te C u rre n t ( A )
Co nd uc tion An gle
S T 223C ..C S e ries
(D o u b le S id e C o o le d )
R
( D C ) = 0 .0 8 K / W
th J -hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00 20 0 3 0 0 4 0 0 5 00 6 0 0 7 00 80 0
DC
30°
60°
90°
120 °
180 °
A v e ra g e O n -st a te C u rre n t ( A )
Co nd uction Pe rio d
ST 223C ..C S e rie s
(D o ub le Sid e C o o le d )
R
( D C ) = 0 .0 8 K/ W
thJ - hs
0
200
400
600
800
10 0 0
0
1 00
200
300
40 0
5 00
180°
120°
90°
60°
30°
RM S Lim it
Co nd uc tio n A ng le
Av erage On -state Current (A)
ST2 23C..C Series
T = 1 25°C
J
0
20 0
40 0
60 0
80 0
1000
1200
1400
0
1 00 200 3 00 40 0 5 00 600 7 00 80 0
DC
180°
120°
90 °
60 °
30 °
RMS Limit
Co nd uc tio n Pe rio d
Average O n-state Curren t (A)
ST22 3C..C Series
T = 12 5°C
J



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com