Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST223C..C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-ST223C..C
Description  Inverter Grade Thyristors (Hockey PUK Version), 390 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST223C..C Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-ST223C..C Datasheet HTML 1Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 2Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 3Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 4Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 5Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 6Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 7Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 8Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VS-ST223C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 13-Sep-17
5
Document Number: 93672
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovered Current Characteristics
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
55 0 0
0
0
1
0
1
1
Numb e r O f Eq u a l Amp litud e H a lf Cy c le C urre nt Pulse s (N )
Initial T = 125°C
@ 6 0 Hz 0.008 3 s
@ 5 0 Hz 0.010 0 s
J
At Any Rated Load Condition An d W ith
Rated V
Applied Followin g Surge.
RRM
ST223 C..C Ser ies
2000
2500
3000
3500
4000
4500
5000
5500
6000
0.01
0.1
1
Pu lse T ra in D u ra tio n ( s)
M a x im u m N o n R e p e t it iv e S urg e C u rre n t
V e rsu s P u lse T ra in D ura t io n . C o n t ro l
Of C o n d u c t io n M a y N o t Be M a in ta in e d .
In it ia l T = 1 2 5° C
No V o lta g e R e a p p lie d
R a te d V
R e applie d
RRM
J
S T22 3C ..C S e r ies
10 0
1000
10000
024
6
8
1 0
T = 25°C
J
In sta ntaneous O n-state Voltage (V )
T = 125°C
J
ST223 C..C Series
0.0 0 1
0.0 1
0.1
1
0.0 0 1
0 .0 1
0 .1
1
1 0
S q ua re W a v e P u lse D u rat io n ( s)
ST 22 3C ..C S e rie s
St e a d y Sta t e Va lu e
R
= 0 .1 7 K/ W
(S in g le Sid e C o o le d )
R
= 0 .0 8 K/ W
( D ou b le S id e C o oled )
(D C O p e ra tio n )
thJ -h s
thJ -hs
0
50
10 0
15 0
20 0
25 0
02 0
4 0
6 0
8 0
1 0 0
I
= 5 00 A
30 0 A
20 0 A
100 A
50 A
R a t e Of F a ll Of O n -st a t e C u rre n t - d i/ d t ( A / µ s)
ST 2 2 3 C ..C Se rie s
T = 1 2 5 °C
J
TM
0
20
40
60
80
10 0
12 0
14 0
16 0
0
2 0
4 06 08 0
1 0 0
R a t e O f F a ll O f F o rw a rd C u rre n t - d i/ d t ( A / µ s)
I
= 50 0 A
30 0 A
20 0 A
10 0 A
50 A
TM
ST 2 2 3 C ..C S e rie s
T = 125 °C
J



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com