Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST223C..C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-ST223C..C
Description  Inverter Grade Thyristors (Hockey PUK Version), 390 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST223C..C Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-ST223C..C Datasheet HTML 1Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 2Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 3Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 4Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 5Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 6Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 7Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 8Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VS-ST223C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 13-Sep-17
1
Document Number: 93672
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Inverter Grade Thyristors
(Hockey PUK Version), 390 A
FEATURES
• Metal case with ceramic insulator
• All diffused design
• Center amplifying gate
• Guaranteed high dV/dt
• International standard case A-PUK (TO-200AB)
• Guaranteed high dI/dt
• High surge current capability
• Low thermal impedance
• High speed performance
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
•Inverters
• Choppers
• Induction heating
• All types of force-commutated converters
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
Package
A-PUK (TO-200AB)
Circuit configuration
Single SCR
IT(AV)
390 A
VDRM/VRRM
400 V, 800 V
VTM
1.58 V
ITSM at 50 Hz
5260 A
ITSM at 60 Hz
5510 A
IGT
200 mA
TC/Ths
55 °C
A-PUK (TO-200AB)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
390
A
Ths
55
°C
IT(RMS)
745
A
Ths
25
°C
ITSM
50 Hz
5850
A
60 Hz
6130
I2t
50 Hz
171
kA2s
60 Hz
156
VDRM/VRRM
400 to 800
V
tq
Range
10 to 30
μs
TJ
-40 to +125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-ST223C..C
04
400
500
40
08
800
900


Similar Part No. - VS-ST223C..C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
Inverter Grade Thyristors
02-Jun-15
VS-ST223C04CFL0 VISHAY-VS-ST223C04CFL0 Datasheet
291Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
13-Sep-17
VS-ST223C04CFN0 VISHAY-VS-ST223C04CFN0 Datasheet
291Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
13-Sep-17
VS-ST223C04CFN1 VISHAY-VS-ST223C04CFN1 Datasheet
291Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
13-Sep-17
VS-ST223C08CFL0 VISHAY-VS-ST223C08CFL0 Datasheet
291Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
13-Sep-17
More results

Similar Description - VS-ST223C..C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST223C VISHAY-ST223C Datasheet
224Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
14-May-08
VS-ST223CC VISHAY-VS-ST223CC Datasheet
293Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
13-Sep-17
VS-ST223CC VISHAY-VS-ST223CC_V01 Datasheet
291Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 390 A
13-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com