Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST223C..C Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-ST223C..C
Description  Inverter Grade Thyristors (Hockey PUK Version), 390 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST223C..C Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VS-ST223C..C Datasheet HTML 2Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 3Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 4Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 5Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 6Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 7Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 8Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 9Page - Vishay Siliconix VS-ST223C..C Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VS-ST223C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 13-Sep-17
7
Document Number: 93672
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 16 - Maximum On-State Energy Power Loss Characteristics
Fig. 17 - Gate Characteristics
1E 1
1E 2
1E 3
1E 4
1E 5
1E 1
1 E 2
1E 3
1 E 4
P u lse B a se w idt h (µ s)
20 jo ules p er p uls e
2
1
0.5
0.3
0. 2
0.1
10
ST223 C ..C Se ries
Sinus o id a l p uls e
4
tp
1E 1
1 E 2
1 E 3
1 E 4
Pu lse B ase w id t h (µ s)
20 jo ule s p er p ulse
2
1
0.5
0. 3
0. 2
0.1
ST22 3C. .C Se ries
Re cta ngula r p uls e
di/d t = 5 0A/µs
10
5
tp
0. 1
1
10
10 0
0. 0 0 1
0 . 0 1
0 . 1
1
1 0
1 00
VG D
IG D
(b )
(a )
(1 )
(2 )
In sta n t a n e o u s G at e C u rr e n t ( A )
Re c t a n gula r ga t e p u lse
a ) R e c o m m e n d e d lo a d lin e fo r
b ) Re c o m m e n d e d lo a d lin e f o r
< = 30% ra te d d i/d t : 10 V , 10o h m s
ra te d d i/d t : 2 0 V , 1 0 o h m s; tr< =1 µ s
tr< =1 µ s
(1 ) P G M = 1 0 W , t p = 2 0 m s
(2 ) P G M = 2 0 W , t p = 1 0 m s
(3 ) P G M = 4 0 W , t p = 5 m s
( 4 ) P G M = 6 0 W , t p = 3. 3m s
(3 )
D e v ic e : ST 2 2 3 C ..C Se rie s Fre q u e n c y L im ite d b y P G (A V )
(4 )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com