Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6801 Datasheet(PDF) 11 Page - u-blox AG

Part # EVK-R6801
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801 Datasheet(HTML) 11 Page - u-blox AG

Back Button EVK-R6801 Datasheet HTML 7Page - u-blox AG EVK-R6801 Datasheet HTML 8Page - u-blox AG EVK-R6801 Datasheet HTML 9Page - u-blox AG EVK-R6801 Datasheet HTML 10Page - u-blox AG EVK-R6801 Datasheet HTML 11Page - u-blox AG EVK-R6801 Datasheet HTML 12Page - u-blox AG EVK-R6801 Datasheet HTML 13Page - u-blox AG EVK-R6801 Datasheet HTML 14Page - u-blox AG EVK-R6801 Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Starting up
Page 11 of 23
C1-Public
9.
For communication via the cellular module’s UART interfaces, the following connections are
allowed and can be alternatively enabled in a mutually exclusive way (see Table 7 for the switch
position and LED status, and see Figure 1 and Figure 3 for the location of the related connectors,
slide switches and the 3-way UARTs’ routing switch J248):
a. Connect a USB cable to the mini-USB connector (Cellular USB Main UART, J501 on EVB).
The LED DL501 lights blue. When a USB cable is connected to this mini-USB connector, two
COM ports are enabled in Windows. The main 8-wire UART interface of the cellular module is
available over the first COM port opened by the driver after the end of the module boot, once
the switch-on of the cellular module is triggered (see point 11).
b. Connect an RS232 cable to the DB9 connector (Cellular RS232 Main UART, J500 on EVB):
the main 8-wire UART interface of the cellular module is available over RS232 after the end
of the module boot, once the switch-on of the cellular module is triggered (see point 11).
c. Connect a USB cable to the mini-USB connector (Cellular USB two UARTs, J201 on ADP-R6).
The LED DS201 lights blue. The two 4-wire UART interfaces of the cellular module are
respectively available over the two numbered COM ports opened by the driver after the end
of the module boot, once the switch-on of the module is triggered (see point 11). (To enable
two UART interfaces, see the AT commands manual [1], the +USIO AT command.)
Type of connections
SW401
SW403
J248
LED
Access to the main UART interface over the Cellular USB
(Main UART) mini-USB connector on EVB-WL3 (J501)
ON BOARD
MINIUSB
Jumper socket
on pins 1-2
DL403
DL501
Access to the main UART interface over the Cellular RS232
(Main UART) DB9 connector on EVB-WL3 (J500)
ON BOARD
DB9
Jumper socket
on pins 1-2
DL405
Access to the two UART interfaces over the Cellular USB
(Two UARTs) mini-USB connector on ADP-R6 (J201)
B2B
Do not care
Jumper socket
on pins 2-3
DL404
DS201
Access to UART(s) interface(s) over the DIL B2B header on
the top of the adapter board (J104)
B2B
Do not care
No jumper socket DL404
Table 7: UART serial interfaces configuration
Run an AT terminal application (e.g., the u-blox m-center tool) selecting an AT port, with these
settings:
▪
Data rate: 115,200 bit/s
▪
Data bits: 8
▪
Parity: N
▪
Stop bits: 1
▪
Flow control: HW
See appendix A for how to configure the u-blox m-center AT terminal for Windows.
10. If the audio functionality is required, connect the headset provided with the evaluation kit box to
the Headset jack connector (J303 on EVB).
11. Press the Cellular power-on button (SW302 on the EVB) to switch on the cellular module
mounted on the APD-R6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com