Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6801 Datasheet(PDF) 12 Page - u-blox AG

Part # EVK-R6801
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801 Datasheet(HTML) 12 Page - u-blox AG

Back Button EVK-R6801 Datasheet HTML 8Page - u-blox AG EVK-R6801 Datasheet HTML 9Page - u-blox AG EVK-R6801 Datasheet HTML 10Page - u-blox AG EVK-R6801 Datasheet HTML 11Page - u-blox AG EVK-R6801 Datasheet HTML 12Page - u-blox AG EVK-R6801 Datasheet HTML 13Page - u-blox AG EVK-R6801 Datasheet HTML 14Page - u-blox AG EVK-R6801 Datasheet HTML 15Page - u-blox AG EVK-R6801 Datasheet HTML 16Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Starting up
Page 12 of 23
C1-Public
1.9 Enabling error result codes
Command sent by DTE (user)
DCE response (module)
Description
AT+CMEE=2
OK
Enables the cellular module to report verbose error
result codes.
1.10 PIN code insertion (when required)
Command sent by DTE (user)
DCE response (module)
Description
AT+CPIN="8180"
OK
Enter the PIN code, if needed (enter the PIN of the SIM
card – 8180 is written here as an example).
AT+CLCK="SC",0,"8180"
OK
Unlock the PIN at power-on (the last parameter is the
PIN of the SIM card – 8180 is written here as an
example).
AT+CLCK="SC",1,"8180"
OK
Lock the PIN at power-on (the last parameter is the PIN
of the SIM card – 8180 is written here as an example).
1.11 Registration on a cellular network
Command sent by DTE (user)
DCE response (module)
Description
AT+CREG?
+CREG: 0,1
OK
Verify the network registration.
AT+COPS=0
OK
Register the module on the network.
The cellular module automatically registers itself on
the cellular network. This command is necessary only if
the automatic registration failed (AT+CREG? returns
0,0).
AT+COPS?
+COPS: 0,0,"I TIM",7
OK
Read the operator name and radio access technology
(RAT).
See appendix C for further AT command examples describing how to define the initial default bearer
for connectivity, how to set up a data connection using internal TCP/IP stack, how to open a TCP
socket, or how to open a UDP socket.
1.12 Switching off the EVK-R6
To switch off the cellular module in the EVK-R6, send the +CPWROFF AT command. Make sure to use
this command before switching off the main power, otherwise settings and configuration parameters
may not be saved in the internal non-volatile memory of the cellular module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com