Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6801 Datasheet(PDF) 21 Page - u-blox AG

Part # EVK-R6801
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801 Datasheet(HTML) 21 Page - u-blox AG

Back Button EVK-R6801 Datasheet HTML 15Page - u-blox AG EVK-R6801 Datasheet HTML 16Page - u-blox AG EVK-R6801 Datasheet HTML 17Page - u-blox AG EVK-R6801 Datasheet HTML 18Page - u-blox AG EVK-R6801 Datasheet HTML 19Page - u-blox AG EVK-R6801 Datasheet HTML 20Page - u-blox AG EVK-R6801 Datasheet HTML 21Page - u-blox AG EVK-R6801 Datasheet HTML 22Page - u-blox AG EVK-R6801 Datasheet HTML 23Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 21 of 23
C1-Public
D Current consumption measurement
The current consumption of the cellular module can be measured on the EVK-R6 by removing the
jumper socket from the Cellular VCC supply jumper (J109 on the ADP-R6), described in Figure 6.
Cellular VCC supply jumper socket (J109)
to be removed for
LARA-R6 module
current consumption measurements
Figure 6: Jumper socket to be removed for cellular module’s current consumption measurement
A suitable external digital multi-meter (as the Keysight 34465A, 34410A or 34411A) can be used for
current consumption measurements: in this case, the 3.8 V supply circuit on the EVB will supply the
cellular module, with the digital multi-meter placed in series as illustrated in Figure 7.
LARA-R6 adapter board
LARA-R6
Cellular
module
EVB-WL3
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J109)
VCC
Digital multimeter
DCI
+
–
VCC jumper
(J404)
Figure 7: Block diagram of the setup for cellular module’s current consumption measurement using a current meter
Alternatively, a suitable external DC power supply with the dynamic current measurement capabilities
(as for example, the portable and cheap Qoitech Otii Arc, or the more accurate Keysight N6705B, or
the models designed for mobile communications Keysight 66319B/D or 66321B/D) can be used for
current consumption measurements, acting also as 3.8 V supply source for the cellular module
mounted on the adapter board, as illustrated in Figure 8.
LARA-R6 adapter board
LARA-R6
Cellular
module
EVB-WL3
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J109)
VCC
Power analyzer
PSU
VCC jumper
(J404)
+
GND
GND
Figure 8: Block diagram of the setup for cellular module’s current consumption measurement using a DC power analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com