Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6801 Datasheet(PDF) 14 Page - u-blox AG

Part # EVK-R6801
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801 Datasheet(HTML) 14 Page - u-blox AG

Back Button EVK-R6801 Datasheet HTML 10Page - u-blox AG EVK-R6801 Datasheet HTML 11Page - u-blox AG EVK-R6801 Datasheet HTML 12Page - u-blox AG EVK-R6801 Datasheet HTML 13Page - u-blox AG EVK-R6801 Datasheet HTML 14Page - u-blox AG EVK-R6801 Datasheet HTML 15Page - u-blox AG EVK-R6801 Datasheet HTML 16Page - u-blox AG EVK-R6801 Datasheet HTML 17Page - u-blox AG EVK-R6801 Datasheet HTML 18Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 14 of 23
C1-Public
B Setting up cellular packet data connection on
Windows
This section describes how to set up a packet data connection on Windows 10 using the operating
system’s TCP/IP stack and EVK-R6. This is also referred to as a dial-up connection.
The following examples describe how to install and configure two different kinds of modems on
Windows:
1.
Low data rate modem: via the UART interface of the cellular module connected to the Windows
PC by the Cellular USB connector (J501 on EVB) or the Cellular RS232 connector (J500 on EVB)
2.
High data rate modem: via the native USB interface of the cellular module connected to the
Windows PC by the Cellular Native USB connector (J105 on the ADP-R6)
B.1 How to install and configure a low data rate modem
connection
This example describes how to install and configure a low data rate packet data connection on a PC
with the Windows 10 operating system. This uses the TCP/IP stack of the PC over the UART interface
of the cellular module connected to the Windows PC by the Cellular USB connector (J501 on EVB) or
the Cellular RS232 connector (J500 on EVB).
1. Open the Control Panel and select “Phone
and Modem”, go to the Modems tab and
select “Add”.
This opens the Add Hardware Wizard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com