Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401-00B Datasheet(PDF) 16 Page - u-blox AG

Part # LARA-R6401-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401-00B Datasheet(HTML) 16 Page - u-blox AG

Back Button LARA-R6401-00B Datasheet HTML 12Page - u-blox AG LARA-R6401-00B Datasheet HTML 13Page - u-blox AG LARA-R6401-00B Datasheet HTML 14Page - u-blox AG LARA-R6401-00B Datasheet HTML 15Page - u-blox AG LARA-R6401-00B Datasheet HTML 16Page - u-blox AG LARA-R6401-00B Datasheet HTML 17Page - u-blox AG LARA-R6401-00B Datasheet HTML 18Page - u-blox AG LARA-R6401-00B Datasheet HTML 19Page - u-blox AG LARA-R6401-00B Datasheet HTML 20Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 16 of 41
C1-Public
2.9 Antenna dynamic tuner interface
☞ The antenna dynamic tuner interface is not supported by LARA-R6001-00B, LARA-R6001D-00B
and LARA-R6801-00B modules product versions.
The LARA-R6401 and LARA-R6401D modules includes two 1.8 V digital output pins (RFCTRL1 and
RFCTRL2) that are configured to control in real time an external antenna tuning IC, as optional
available feature, changing their output value dynamically according to the specific actual cellular
band in use by the module as indicated in Table 6.
RFCTRL1
RFCTRL2
LTE frequency band in use
0
0
B2, B4, B5, B66
0
1
N/A
1
0
B12, B13, B14
1
1
B71
Table 6: LARA-R6401 / LARA-R6401D modules antenna dynamic tuning truth table
2.10 Reserved pins
LARA-R6 series modules include pins reserved for future use, marked as RSVD, which can all be left
unconnected on the application board, except connecting a test point to the RSVD #33 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com