Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401-00B Datasheet(PDF) 31 Page - u-blox AG

Part # LARA-R6401-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401-00B Datasheet(HTML) 31 Page - u-blox AG

Back Button LARA-R6401-00B Datasheet HTML 27Page - u-blox AG LARA-R6401-00B Datasheet HTML 28Page - u-blox AG LARA-R6401-00B Datasheet HTML 29Page - u-blox AG LARA-R6401-00B Datasheet HTML 30Page - u-blox AG LARA-R6401-00B Datasheet HTML 31Page - u-blox AG LARA-R6401-00B Datasheet HTML 32Page - u-blox AG LARA-R6401-00B Datasheet HTML 33Page - u-blox AG LARA-R6401-00B Datasheet HTML 34Page - u-blox AG LARA-R6401-00B Datasheet HTML 35Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 31 of 41
C1-Public
Table 32 describes the maximum total internal capacitance and the maximum total internal
inductance, considering internal parts tolerance, provided by LARA-R6 series modules.
Module
Parameter
Description
Value
Unit
LARA-R6001
Ci
Maximum total internal capacitance
496
µ
F
Li
Maximum total internal inductance
9.8
µ
H
LARA-R6401
Ci
Maximum total internal capacitance
493
µ
F
Li
Maximum total internal inductance
9.7
µ
H
LARA-R6801
Ci
Maximum total internal capacitance
496
µ
F
Li
Maximum total internal inductance
9.7
µ
H
Table 32: LARA-R6 series maximum total internal capacitance and maximum total internal inductance
Table 33 describes the maximum RF output power transmitted by LARA-R6 series modules from the
primary antenna (ANT1) pin as Power Class 4 Mobile Stations for GSM 850 / E-GSM 900 bands and/or
as Power Class 3 User Equipment for the LTE / UMTS bands.
Module
Parameter
Description
Value
Unit
LARA-R6001
ANT1 Pout
Maximum RF output power from ANT1 pin
33.5
dBm
LARA-R6401
ANT1 Pout
Maximum RF output power from ANT1 pin
24.0
dBm
LARA-R6801
ANT1 Pout
Maximum RF output power from ANT1 pin
33.5
dBm
Table 33: LARA-R6 series antenna pin (ANT1) maximum RF output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com