Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401-00B Datasheet(PDF) 33 Page - u-blox AG

Part # LARA-R6401-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401-00B Datasheet(HTML) 33 Page - u-blox AG

Back Button LARA-R6401-00B Datasheet HTML 29Page - u-blox AG LARA-R6401-00B Datasheet HTML 30Page - u-blox AG LARA-R6401-00B Datasheet HTML 31Page - u-blox AG LARA-R6401-00B Datasheet HTML 32Page - u-blox AG LARA-R6401-00B Datasheet HTML 33Page - u-blox AG LARA-R6401-00B Datasheet HTML 34Page - u-blox AG LARA-R6401-00B Datasheet HTML 35Page - u-blox AG LARA-R6401-00B Datasheet HTML 36Page - u-blox AG LARA-R6401-00B Datasheet HTML 37Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Qualification and approvals
Page 33 of 41
C1-Public
6 Qualification and approvals
6.1 Reliability tests
Reliability tests for LARA-R6 series modules are executed according to u-blox qualification policy,
based on AEC-Q104 standard.
6.2 Approvals
LARA-R6 series modules comply with the Directive 2011/65/EU of the European Parliament and the
Council on the Restriction of Use of certain Hazardous Substances in Electrical and Electronic
Equipment (EU RoHS 2) and its amendment Directive (EU) 2015/863 (EU RoHS 3).
The LARA-R6 series modules are RoHS 3 compliant. No natural rubbers, hygroscopic materials, or
materials containing asbestos are employed.
Table 35 summarizes the main approvals for LARA-R6 series modules.
Certification scheme
LARA-R6001
LARA-R6001D
LARA-R6401
LARA-R6401D
LARA-R6801
GCF conformance
●
●
●
●
●
PTCRB conformance
●
●
●
●
CE (Europe)
●
●
●
UKCA (Great Britain)
●
●
●
FCC (United States)
●13
●13
●
●
FCC ID
XPYUBX21BE01
XPYUBX21BE01
XPYUBX21BE02
XPYUBX21BE02
ISED (Canada)
●
●
●
●
ISED certification number
8595A-UBX21BE01
8595A-UBX21BE01
8595A-UBX21BE02
8595A-UBX21BE02
NCC (Taiwan)
●
●
●
ACMA RCM (Australia)
●
●
●
GITEKI (Japan)
●
●
●
ANATEL (Brazil)
○
○
○
KC (South Korea)
○
○
○
AT&T
○
●
●
●
FirstNet
●
●
Verizon
○
○
●
●
T-Mobile US
○
○
Vodafone
○
○
○
Deutsche Telekom
○
○
○
Telefonica
○
○
○
Telstra
○
NTT DoCoMo
○
○
○
SoftBank Mobile
○
○
○
KDDI
○
○
○
●
= Available with initial product versions
○
= Planned for future product versions
Table 35: LARA-R6 series main certification approvals summary
☞ The above listed certifications might not be available for all the different product type numbers.
Please contact the u-blox office or sales representative nearest you for the complete list of
certification approvals available for the selected product ordering number.
13 FCC grant includes the US 900 MHz frequency spectrum within LTE band 8, enabling access to Anterix LTE private network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com