Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401-00B Datasheet(PDF) 19 Page - u-blox AG

Part # LARA-R6401-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401-00B Datasheet(HTML) 19 Page - u-blox AG

Back Button LARA-R6401-00B Datasheet HTML 15Page - u-blox AG LARA-R6401-00B Datasheet HTML 16Page - u-blox AG LARA-R6401-00B Datasheet HTML 17Page - u-blox AG LARA-R6401-00B Datasheet HTML 18Page - u-blox AG LARA-R6401-00B Datasheet HTML 19Page - u-blox AG LARA-R6401-00B Datasheet HTML 20Page - u-blox AG LARA-R6401-00B Datasheet HTML 21Page - u-blox AG LARA-R6401-00B Datasheet HTML 22Page - u-blox AG LARA-R6401-00B Datasheet HTML 23Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Pin definition
Page 19 of 41
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
29
USB_D+
USB
I/O
USB Data Line D+
90  nominal differential characteristic impedance.
Pull-up, pull-down and series resistors as required by the
USB 2.0 specifications [14] are part of the USB pin driver
and need not be provided externally.
See section 4.2.12 for detailed electrical specs.
Provide test point for diagnostic purposes.
30
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
31
RSVD
-
N/A
RESERVED pin
Pin reserved for future use. Internally not connected.
32
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
33
RSVD
-
N/A
RESERVED pin
Pin reserved with special function.
Provide test point for diagnostic purposes.
34
I2S_WA
GDI
O /
I/O
I2S word alignment /
GPIO
Settable as I2S word alignment, or as GPIO (see 2.6, 2.8).
Push-pull output type.
I2S not supported by LARA-R6001D and LARA-R6401D.
See section 4.2.14 for detailed electrical specs.
35
I2S_TXD
GDI
O /
I/O
I2S transmit data /
GPIO
Configurable as I2S data output, or as GPIO (see 2.6, 2.8).
Push-pull output type.
I2S not supported by LARA-R6001D and LARA-R6401D.
See section 4.2.14 for detailed electrical specs.
36
I2S_CLK
GDI
O /
I/O
I2S clock /
GPIO
Configurable as I2S clock, or as GPIO (see 2.6, 2.8).
Push-pull output type.
I2S not supported by LARA-R6001D and LARA-R6401D.
See section 4.2.14 for detailed electrical specs.
37
I2S_RXD
GDI
I /
I/O
I2S receive data /
GPIO
Configurable as I2S data input, or as GPIO (see 2.6, 2.8).
Push-pull output type.
I2S not supported by LARA-R6001D and LARA-R6401D.
See section 4.2.14 for detailed electrical specs.
38
SIM_CLK
SIM
O
SIM clock
See section 4.2.10 for detailed electrical specs.
39
SIM_IO
SIM
I/O
SIM data
Internal 4.7 k pull-up resistor to VSIM.
See section 4.2.10 for detailed electrical specs.
40
SIM_RST
SIM
O
SIM reset
See section 4.2.10 for detailed electrical specs.
41
VSIM
-
O
SIM supply output
VSIM = 1.80 V typical or 2.95 V typical generated by the
module according to the external SIM card/chip type.
See section 4.2.3 for detailed electrical specs.
42
GPIO5
GDI
I/O
GPIO
Configurable for SIM card detection, or as GPIO (see 2.8).
Push-pull output type.
See section 4.2.14 for detailed electrical specs.
43
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
44
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
45
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
46
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
47
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
48
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
49
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
50
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
51
VCC
-
I
Module supply input
Supply input for baseband Power Management Unit part.
All VCC pins must be connected to external supply.
See sections 4.2.3 and 4.2.4 for detailed specs.
52
VCC
-
I
Module supply input
Supply for RF Power Amplifiers part.
All VCC pins must be connected to external supply.
See sections 4.2.3 and 4.2.4 for detailed specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com