Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61201 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP61201 Datasheet HTML 1Page - Diodes Incorporated AP61201 Datasheet HTML 2Page - Diodes Incorporated AP61201 Datasheet HTML 3Page - Diodes Incorporated AP61201 Datasheet HTML 4Page - Diodes Incorporated AP61201 Datasheet HTML 5Page - Diodes Incorporated AP61201 Datasheet HTML 6Page - Diodes Incorporated AP61201 Datasheet HTML 7Page - Diodes Incorporated AP61201 Datasheet HTML 8Page - Diodes Incorporated AP61201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
4 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Absolute Maximum Ratings (Note 4) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Pin Voltage
-0.3 to +6.5 (DC)
V
-0.3 to +7.0 (400ms)
VFB
Feedback Pin Voltage
-0.3 to VIN + 0.3
V
VSW
Switch Pin Voltage
-1.0 to VIN + 0.3 (DC)
V
-2.5 to VIN + 2.0 (20ns)
VEN
Enable Pin Voltage
-0.3 to VIN + 0.3
V
VOUT
(AP61200/AP61201)
Output Pin Voltage
-0.3 to +6.0 (DC)
V
VPG
(AP61202/AP61203)
Power-Good Pin Voltage
-0.3 to +6.0 (DC)
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+160
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility (Note 5)
HBM
Human Body Model
±2000
V
CDM
Charged Device Model
±1000
V
Notes:
4. Stresses greater than the Absolute Maximum Ratings specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can
be affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and can be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
SOT563
141
°C/W
θJC
Junction to Case
SOT563
33
°C/W
Note:
6. Test condition for SOT563: Device mounted on FR-4 substrate, two-layer PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions (Note 7) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
2.3
5.5
V
VOUT
Output Voltage
0.6
3.6
V
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com