Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61201 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 12Page - Diodes Incorporated AP61201 Datasheet HTML 13Page - Diodes Incorporated AP61201 Datasheet HTML 14Page - Diodes Incorporated AP61201 Datasheet HTML 15Page - Diodes Incorporated AP61201 Datasheet HTML 16Page - Diodes Incorporated AP61201 Datasheet HTML 17Page - Diodes Incorporated AP61201 Datasheet HTML 18Page - Diodes Incorporated AP61201 Datasheet HTML 19Page - Diodes Incorporated AP61201 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
16 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Application Information (continued)
9
Setting the Output Voltage
The AP61200/AP61201/AP61202/AP61203 has adjustable output voltages starting from 0.6V using an external resistive divider. The resistor
values of the feedback network are selected based on a design trade-off between efficiency and output voltage accuracy. There is less current
consumption in the feedback network for high resistor values, which improves efficiency at light loads. However, values too high cause the device
to be more susceptible to noise affecting its output voltage accuracy. R2 can be determined by the following equation:
������������ =
������. ������ ∙ ������������
������������������������ − ������. ������������
Eq. 5
Table 1 shows a list of recommended component selections for common AP61200/AP61201/AP61202/AP61203 output voltages referencing
Figure 1 and Figure 2.
Table 1. Recommended Component Selections
AP61200/AP61201/AP61202/AP61203
Output Voltage (V)
R1 (kΩ)
R2
(kΩ)
L (µH)
C1 (µF)
C2 (µF)
C3 (pF)
AP61200
AP61201
AP61202
AP61203
1.0
200.0
301.0
1.0
10
10
OPEN
33
1.2
200.0
200.0
1.0
10
10
OPEN
33
1.5
200.0
133.0
1.0
10
10
OPEN
33
1.8
200.0
100.0
1.0
10
10
OPEN
33
2.5
200.0
63.2
1.0
10
10
OPEN
33
3.3
200.0
44.2
1.0
10
10
OPEN
33
10
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 6
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For AP61200/AP61201/AP61202/AP61203
, choose ∆IL to be 30% to 50% of the maximum load current of 2A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 7
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 1.0µH to 1.5µH
with a DC current rating of at least 35%
higher than the maximum load current. For highest efficiency, the inductor’s DC resistance should be less
than 50mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com